Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70FC Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29F040B-70FC
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70FC Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29F040B-70FC Datasheet HTML 27Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 28Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 29Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 30Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 31Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 32Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 33Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 34Page - Advanced Micro Devices AM29F040B-70FC Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Am29F040B
35
REVISION SUMMARY
Revision A (May 1997)
Initial release.
Revision B (January 1998)
Global
Formatted for consistency with other 5.0 volt-only data
data sheets.
Revision B+1 (January 1998)
AC Characteristics, Erase and Program Operations
Added Note references to tWHWH1. Corrected the pa-
rameter symbol for VCC Set-up Time to tVCS; the
specification is 50 µs minimum. Deleted the last row in
table.
Revision B+2 (April 1998)
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
Ordering Infomation
Added extended temperature availability to the -55 and
-70 speed options.
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
no t e s refe renc e fo r t WH WH 1 a nd t WH W H 2 .
These parameters are 100% tested. Corrected the note
reference for tVCS. This parameter is not 100% tested.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Revision C (January 1999)
Global
Updated for CS39S process technology.
Distinctive Characteristics
Added 20-year data retention bullet.
DC Characterisitics—TTL/NMOS Compatible
VOH: Changed the parameter description to “Output
High Voltage” from Output High Level”.
DC Characteristics—TTL/NMOS Compatible and
CMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC specifi-
cations are tested with VCC = VCCmax”.
ICC3: Deleted VCC = VCCMax.
Revision C+1 (February 1999)
Command Definitions
Command Definitions table: Deleted “XX” from the
fourth cycle data column of the Sector Protect Verify
command.
Revision C+2 (May 17, 1999)
Test Specifications Table
Corrected the input and output measurement entries in
the “All others” column.
Revision D (November 15, 1999)
AC Characteristics—Figure 9. Program Operations
Timing and Figure 10. Chip/Sector Erase
Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E (November 29, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.
Trademarks
Copyright © 2000 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com