Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3036 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
39 of 49
MTP
Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
14HEX
Not assigned
15HEX
Not assigned
16HEX
Not assigned
17HEX
15:0
-
ChecksumC
Generated (checksum) for user page through a
linear feedback shift register (LFSR); signature is
checked with power-up to ensure memory content
integrity
The memory integrity checksum (referred to as CRC) is generated through a linear feedback shift register with the
polynomial:
g(x) = x
16 + x15 + x2 + 1
with the initialization value: FFFFHEX.
3.7.
Calibration Sequence
Calibration essentially involves collecting raw signal and temperature data from the sensor-IC system for different
known bridge values and temperatures. This raw data can then be processed by the calibration master (assumed
to be a PC), and the calculated calibration coefficients can then be written to MTP memory. Below is a brief
overview of the steps involved in calibrating the ZSSC3036.
There are three main steps to calibration:
1.
Assigning a unique identification to the ZSSC3036. This identification is written to shadow RAM and later
programmed in MTP memory. This unique identification can be stored in the two 16-bit registers
dedicated to customer ID. It can be used as an index into a database stored on the calibration PC. This
database will contain all the raw values of bridge readings and temperature readings for that part, as well
as the known bridge measurand conditions and temperature to which the bridge was exposed.
2.
Data collection. Data collection involves getting uncorrected or raw data from the bridge at different
known measurand values and temperatures. Then this data is stored on the calibration PC using the
unique identification of the device as the index to the database.
3.
Coefficient calculation and storage in MTP memory. After enough data points have been collected to
calculate all the desired coefficients, the coefficients can be calculated by the calibrating PC and written
to the shadow RAM. After that, MTP memory is programmed with the contents of the shadow RAM.
4.
Result. The sensor signal and the characteristic temperature effect on output will be linearized according
to the setup-dependent maximum output range.
It is essential to perform the calibration with a fixed programming setup during the data collection phase. In order
to prevent any accidental misprocessing, it is further recommended to keep the MTP memory setup stable during
the whole calibration process as well as in the subsequent operation. A ZSSC3036 calibration only fits the single
setup used during its calibration. Changes of functional parameters after a successful calibration can decrease
the precision and accuracy performance of the ZSSC3036 as well as of the whole application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com