| Electronic Components Datasheet Search |
|
AM29F040B-90PI Datasheet(PDF) 15 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F040B-90PI Datasheet(HTML) 15 Page - Advanced Micro Devices |
|
15 / 35 page ![]() Am29F040B 15 WRITE OPERATION STATUS The device provides several bits to determine the sta- tus of a write operation: DQ2, DQ3, DQ5, DQ6, and DQ7. Table 5 and the following subsections describe the functions of these bits. DQ7 and DQ6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first. DQ7: Data# Polling The Data# Polling bit, DQ7, indicates to the host sys- tem whether an Embedded Algorithm is in progress or completed, or whether the device is in Erase Suspend. Data# Polling is valid after the rising edge of the final WE# pu lse in th e program or eras e co mmand sequence. During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum pro- grammed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the Em- bedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system must provide the program address to read valid status information on DQ7. If a program address falls within a protected sector, Data# Polling on DQ7 is active for ap- proximately 2 µs, then the device returns to reading array data. During the Embedded Erase algorithm, Data# Polling produces a “0” on DQ7. When the Embedded Erase al- gorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a “1” on DQ7. This is analogous to the complement/true datum output described for the Embedded Program algorithm: the erase function changes all the bits in a sector to “1”; prior to this, the device outputs the “complement,” or “0.” The system must provide an address within any of the sectors selected for erasure to read valid status in- formation on DQ7. After an erase command sequence is written, if all sec- tors selected for erasing are protected, Data# Polling on DQ7 is active for approximately 100 µs, then the de- vice returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the se- lected sectors that are protected. When the system detects DQ7 has changed from the complement to true data, it can read valid data at DQ7–DQ0 on the following read cycles. This is be- ca u s e DQ 7 may ch a n g e a syn ch ro n o u s ly wit h DQ0–DQ6 while Output Enable (OE#) is asserted low. The Data# Polling Timings (During Embedded Algo- rithms) figure in the “AC Characteristics” section illustrates this. Table 5 shows the outputs for Data# Polling on DQ7. Figure 3 shows the Data# Polling algorithm. DQ7 = Data? Yes No No DQ5 = 1? No Yes Yes FAIL PASS Read DQ7–DQ0 Addr = VA Read DQ7–DQ0 Addr = VA DQ7 = Data? START Notes: 1. VA = Valid address for programming. During a sector erase operation, a valid address is an address within any sector selected for erasure. During chip erase, a valid address is any non-protected sector address. 2. DQ7 should be rechecked even if DQ5 = “1” because DQ7 may change simultaneously with DQ5. Figure 3. Data# Polling Algorithm |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |