Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F200AT-150FC Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29F200AT-150FC
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200AT-150FC Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29F200AT-150FC Datasheet HTML 21Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 22Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 23Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 24Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 25Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 26Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 27Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 28Page - Advanced Micro Devices AM29F200AT-150FC Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Am29F200A
25
P R E L I M I NARY
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 8 and Table 6 for test specifications
Figure 9.
Read Operations Timings
Parameter
Description
Speed Option
JEDEC
Std
Test Setup
-55
-70
-90
-120
-150
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
55
70
90
120
150
ns
tAVQV
tACC Address to Output Delay
CE# = VIL
OE# = VIL
Max
55
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
(Note 1)
Max
30
30
35
50
55
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Note 1)
Max
20
20
20
30
35
ns
tGHQZ
tDF
Output Enable to Output High Z
(Note 1)
Max
20
20
20
30
35
ns
tOEH
Output Enable
Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tAXQX
tOH
Output Hold Time From Addresses,
CE# or OE#, Whichever Occurs
First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com