Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV104B Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29LV104B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV104B Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29LV104B Datasheet HTML 1Page - Advanced Micro Devices AM29LV104B Datasheet HTML 2Page - Advanced Micro Devices AM29LV104B Datasheet HTML 3Page - Advanced Micro Devices AM29LV104B Datasheet HTML 4Page - Advanced Micro Devices AM29LV104B Datasheet HTML 5Page - Advanced Micro Devices AM29LV104B Datasheet HTML 6Page - Advanced Micro Devices AM29LV104B Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21353
Rev: A Amendment/+1
Issue Date: February1998
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29LV104B
4 Megabit (512 K x 8-Bit)
CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
— Regulated voltage range: 3.0 to 3.6 volt read and
write operations and for compatibility with high
performance 3.3 volt microprocessors
s Manufactured on 0.35 µm process technology
s High performance
— Full voltage range: access times as fast as 70 ns
— Regulated voltage range: access times as fast
as 55 ns
s Ultra low power consumption
— Automatic sleep mode: 1 µA (typical values at
5MHz)
— Standby mode: 1 µA
— Read mode: 7 mA
— Program/erase mode: 15 mA
s Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
seven 64 Kbyte sectors
— Any combination of sectors can be erased;
supports full chip erase
— Sector Protection features:
Hardware method of locking a sector to prevent
any program or erase operations within that
sector
Sectors can be locked via programming
equipment
s Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
s Embedded Algorithms
— Embedded Erase algorithms automatically
preprogram and erase the entire chip or any
combination of designated sectors
— Embedded Program algorithms automatically
writes and verifies data at specified addresses
s Minimum 1,000,000 write/erase cycles
guaranteed
s Package option
— 32-pin PLCC
— 32-pin TSOP
s Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
s Data# Polling and toggle bits
— Provides a software method of detecting
program or erase cycle completion
s Erase Suspend/Resume
— Supports reading data from or programming
data to a sector not being erased


Similar Part No. - AM29LV104B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV102B AMD-AM29LV102B Datasheet
39Kb / 7P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV102BB-120EC AMD-AM29LV102BB-120EC Datasheet
39Kb / 7P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV102BB-120ECB AMD-AM29LV102BB-120ECB Datasheet
39Kb / 7P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV102BB-120EE AMD-AM29LV102BB-120EE Datasheet
39Kb / 7P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV102BB-120EEB AMD-AM29LV102BB-120EEB Datasheet
39Kb / 7P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
More results

Similar Description - AM29LV104B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV040B AMD-AM29LV040B_06 Datasheet
695Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV004B AMD-AM29LV004B_06 Datasheet
679Kb / 39P
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com