Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2323 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2323 Datasheet HTML 3Page - Analog Devices ADP2323 Datasheet HTML 4Page - Analog Devices ADP2323 Datasheet HTML 5Page - Analog Devices ADP2323 Datasheet HTML 6Page - Analog Devices ADP2323 Datasheet HTML 7Page - Analog Devices ADP2323 Datasheet HTML 8Page - Analog Devices ADP2323 Datasheet HTML 9Page - Analog Devices ADP2323 Datasheet HTML 10Page - Analog Devices ADP2323 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1SW1
2
BST1
3
DL1
4
PGND
5
VDRV
6
DL2
7
BST2
8
SW2
24
23
22
21
20
19
18
17
PGOOD1
NOTES
1. THE EXPOSED PAD SHOULD BE SOLDERED TO AN EXTERNAL GND PLANE.
SCFG
SYNC
GND
INTVCC
RT
MODE
PGOOD2
TOP VIEW
(Not to Scale)
ADP2323
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PGOOD1
Power-Good Output (Open Drain) for Channel 1. A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
2
SCFG
Synchronization Configuration Input. The SCFG pin configures the SYNC pin as an input or output. Connect
SCFG to INTVCC to configure SYNC as an output. Using a resistor to pull down to GND configures SYNC as an
input with various phase shift degrees.
3
SYNC
Synchronization. This pin can be configured as an input or an output. When configured as an output, it
provides a clock at the switching frequency. When configured as an input, this pin accepts an external clock
to which the regulators are synchronized and the phase shift is configured by SCFG. Note that when SYNC is
configured as an input, the PFM mode is disabled and the device works only in continuous conduction mode
(CCM).
4
GND
Analog Ground. Connect to the ground plane.
5
INTVCC
Internal 5 V Regulator Output. The IC control circuits are powered from this voltage. Place a 1 μF ceramic
capacitor between INTVCC and GND.
6
RT
Connect a resistor between RT and GND to program the switching frequency between 250 kHz and 1.2 MHz.
7
MODE
Mode Selection. When this pin is connected to INTVCC, the PFM mode is disabled and the regulator works
only in CCM. When this pin is connected to ground, the PFM mode is enabled. If the low-side device is a
diode, the MODE pin must be connected to ground.
8
PGOOD2
Power-Good Output (Open Drain) for Channel 2. A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
9
FB2
Feedback Voltage Sense Input for Channel 2. Connect to a resistor divider from the Channel 2 output voltage,
VOUT2. Connect FB2 to INTVCC for parallel applications.
10
COMP2
Error Amplifier Output for Channel 2. Connect an RC network from COMP2 to GND. Connect COMP1 and
COMP2 together for parallel applications.
11
SS2
Soft Start Control for Channel 2. Connect a capacitor from SS2 to GND to program the soft start time. For
parallel applications, SS2 remains open.
12
TRK2
Tracking Input for Channel 2. To track a master voltage, drive this pin from a voltage divider from the master
voltage. If the tracking function is not used, connect TRK2 to INTVCC.
13
EN2
Enable Pin for Channel 2. An external resistor divider can be used to set the turn-on threshold. When not
using the enable pin, connect EN2 to PVIN2.
14, 15
PVIN2
Power Input for Channel 2. Connect PVIN2 to the input power source, and connect a bypass capacitor
between PVIN2 and ground.
16, 17
SW2
Switch Node for Channel 2.
18
BST2
Supply Rail for the Gate Drive of Channel 2. Place a 0.1 μF capacitor between SW2 and BST2.
19
DL2
Low-Side Gate Driver Output for Channel 2. Connect a resistor between DL2 and PGND to program the
current-limit threshold of Channel 2.
20
VDRV
Low-Side Driver Supply Input. Connect VDRV to INTVCC. Place a 1 μF ceramic capacitor between the VDRV
pin and PGND.
21
PGND
Driver Power Ground. Connect to the source of the synchronous N-channel MOSFET.
22
DL1
Low-Side Gate Driver Output for Channel 1. Connect a resistor between this pin and PGND to program the
current-limit threshold of Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com