Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640D Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29LV640D
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 15Page - Advanced Micro Devices AM29LV640D Datasheet HTML 16Page - Advanced Micro Devices AM29LV640D Datasheet HTML 17Page - Advanced Micro Devices AM29LV640D Datasheet HTML 18Page - Advanced Micro Devices AM29LV640D Datasheet HTML 19Page - Advanced Micro Devices AM29LV640D Datasheet HTML 20Page - Advanced Micro Devices AM29LV640D Datasheet HTML 21Page - Advanced Micro Devices AM29LV640D Datasheet HTML 22Page - Advanced Micro Devices AM29LV640D Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
18
Am29LV640D/Am29LV641D
September 20, 2002
Sector Group Protection and
Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. In this device, a sector group consists of four
adjacent sectors that are protected or unprotected at
the same time (see Table 4). The hardware sector
group unprotection feature re-enables both program
and erase operations in previously protected sector
groups. Sector group protection/unprotection can be
implemented via two methods.
Sector protection/unprotection requires V
ID on the RE-
SET# pin only, and can be implemented either in-sys-
tem or via programming equipment. Figure 2 shows
the algorithms and Figure 22 shows the timing dia-
gram. This method uses standard microprocessor bus
cycle timing. For sector group unprotect, all unpro-
tected sector groups must first be protected prior to
the first sector group unprotect write cycle.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and
protecting sector groups at its factory prior to shipping
the device through AMD’s ExpressFlash™ Service.
Contact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See the Autoselect Mode
section for details.
Table 4.
Sector Group Protection/Unprotection
Address Table
Note: All sector groups are 128 Kwords in size.
Sector Group
A21–A17
SA0–SA3
00000
SA4–SA7
00001
SA8–SA11
00010
SA12–SA15
00011
SA16–SA19
00100
SA20–SA23
00101
SA24–SA27
00110
SA28–SA31
00111
SA32–SA35
01000
SA36–SA39
01001
SA40–SA43
01010
SA44–SA47
01011
SA48–SA51
01100
SA52–SA55
01101
SA56–SA59
01110
SA60–SA63
01111
SA64–SA67
10000
SA68–SA71
10001
SA72–SA75
10010
SA76–SA79
10011
SA80–SA83
10100
SA84–SA87
10101
SA88–SA91
10110
SA92–SA95
10111
SA96–SA99
11000
SA100–SA103
11001
SA104–SA107
11010
SA108–SA111
11011
SA112–SA115
11100
SA116–SA119
11101
SA120–SA123
11110
SA124–SA127
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com