Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP02FS Datasheet(PDF) 6 Page - Analog Devices

Part # AMP02FS
Description  High Accuracy Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FS Datasheet(HTML) 6 Page - Analog Devices

Back Button AMP02FS Datasheet HTML 2Page - Analog Devices AMP02FS Datasheet HTML 3Page - Analog Devices AMP02FS Datasheet HTML 4Page - Analog Devices AMP02FS Datasheet HTML 5Page - Analog Devices AMP02FS Datasheet HTML 6Page - Analog Devices AMP02FS Datasheet HTML 7Page - Analog Devices AMP02FS Datasheet HTML 8Page - Analog Devices AMP02FS Datasheet HTML 9Page - Analog Devices AMP02FS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. E
–6–
AMP02
FREQUENCY – Hz
80
1k
100k
1M
10M
40
0
–20
–40
TA = 25 C
VS = 15V
10k
60
20
G = 1000
G = 100
G = 10
G = 1
TPC 10. Closed-Loop Voltage
Gain vs. Frequency
FREQUENCY – Hz
1
10k
100k
0
TA = 25 C
VS = 15V
VS = 1V
100
20
40
60
80
100
120
140
1k
10
G = 1
G = 10
G = 1000
G = 100
TPC 13. Positive PSR vs. Frequency
FREQUENCY – Hz
1
10k
100k
0
TA = 25 C
VS = 15V
G = 1000
100
10
20
30
40
50
60
70
1k
10
TPC 16. Voltage Noise Density
vs. Frequency
FREQUENCY – Hz
1
100
1k
100k
0
TA = 25 C
VS = 15V
VCM = 2V p-p
10
G = 1000
G = 100
G = 10
G = 1
20
40
60
80
100
120
140
10k
TPC 11. Common-Mode Rejection
vs. Frequency
FREQUENCY – Hz
1
10k
100k
0
TA = 25 C
VS = 15V
VS = 1V
100
20
40
60
80
100
120
140
1k
10
G = 1
G = 10
G = 1000
G = 100
TPC 14. Negative PSR vs. Frequency
VOLTAGE GAIN – G
1
100
1k
1
TA = 25 C
VS = 15V
f = 1kHz
10
10
100
1k
TPC 17. RTI Voltage Noise
Density vs. Gain
VOLTAGE GAIN – G
1
100
1k
70
TA = 25 C
VS = 15V
10
80
90
100
110
120
130
140
TPC 12. Common-Mode Rejection
vs. Voltage Gain
FREQUENCY – Hz
10
1k
10k
0.01
TA = 25 C
VS = 15V
RL = 600
VOUT = 20V p-p
100
0.010
0.100
1.000
G = 100
G = 1
G = 10
TPC 15. Total Harmonic Distortion
vs. Frequency
TIME – S
1s
100mV
TPC 18. 0.1 Hz to 10 Hz Noise
AV = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com