Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53CF96 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM53CF96
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM53CF96 Datasheet HTML 44Page - Advanced Micro Devices AM53CF96 Datasheet HTML 45Page - Advanced Micro Devices AM53CF96 Datasheet HTML 46Page - Advanced Micro Devices AM53CF96 Datasheet HTML 47Page - Advanced Micro Devices AM53CF96 Datasheet HTML 48Page - Advanced Micro Devices AM53CF96 Datasheet HTML 49Page - Advanced Micro Devices AM53CF96 Datasheet HTML 50Page - Advanced Micro Devices AM53CF96 Datasheet HTML 51Page - Advanced Micro Devices AM53CF96 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
P R E L I M I N A R Y
AMD
48
Am53CF94/Am53CF96
1tPWL
Clock Pulse Width Low
0.4
tCP
0.6
tCP
ns
2tCP
Clock period (1
÷ Clock Frequency)
25
50
ns
3A
tL
Synchronization latency
54.58
2
tCP
ns
4tPWH
Clock Pulse Width High
0.4
tCP
0.6
tCP
ns
1tPWL1
Clock Pulse Width Low
14.58
0.65
tCP
ns
2tCP
Clock period (1
÷ Clock Frequency)
40
100
ns
3tL
Synchronization latency
54.58
tPWL + tCP
ns
4tPWH1
Clock Pulse Width High
14.58
0.65
tCP
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Clock Input
Note:
Clock Frequency Range for Fast Clk disabled.
= 10 MHz to 25 MHz for Asynchronous transmission
= 12 MHz to 25 MHz for Synchronous transmission
1For Synchronous data transmissions, the following conditions
must be true:
2tCP + tPWL
> 97.92 ns
2tCP + tPWH
> 97.92 ns
FastClk Disabled (Control Register Three (0CH) bit 3=0)
Note:
Clock Frequency Range for Fast Clk enabled.
= 20 MHz to 40 MHz for Asynchronous Transmission
= 20 MHz to 40 MHz for Synchronous Transmission
FastClk Enabled (Control Register Three (0CH) bit 3=1)
CLK
2
41
3
17348B-37
3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com