Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7968 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 54Page - Advanced Micro Devices AM7968 Datasheet HTML 55Page - Advanced Micro Devices AM7968 Datasheet HTML 56Page - Advanced Micro Devices AM7968 Datasheet HTML 57Page - Advanced Micro Devices AM7968 Datasheet HTML 58Page - Advanced Micro Devices AM7968 Datasheet HTML 59Page - Advanced Micro Devices AM7968 Datasheet HTML 60Page - Advanced Micro Devices AM7968 Datasheet HTML 61Page - Advanced Micro Devices AM7968 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 127 page
background image
AMD
54
TAXIchip Integrated Circuits Technical Manual
The TAXIchip set uses 4B/5B or 5B/6B coding, so that
m is either 4 or 5, and n is either
5 or 6. In 8-bit mode, each 4-bit nibble is presented to one of two 4B/5B encoders to
produce 10 code bits, 5 from each encoder. In 9-bit mode, the more significant 4B/5B
encoder is replaced with a 5B/6B encoder to yield a total of 11 code bits. In 10-bit mode,
both encoders are replaced with 5B/6B encoders, yielding a total of 12 code bits.
The TAXIchip set can encode two types of data: either 8, 9, or 10-bit Data, or Com-
mands. Commands are special symbols which are typically used as control functions at
the receiving end of the link. Commands may be four, three, or two bits wide, corre-
sponding to a Data width of eight, nine, or ten bits respectively. The presence of any
non-ZERO bits on the Command inputs when STRB is asserted will cause a Command
symbol to be sent, regardless of the state of the Data lines. The Command bits are
encoded into 10,11, or 12 bit groupings which are special cases of the 4B/5B or 5B/6B
code not used for Data.
In the absence of Data or Commands, a unique symbol (Sync) is automatically gener-
ated to maintain link synchronization. If the user has not supplied a STRB during a byte,
a Sync symbol is sent.
NRZI stands for Non-Return to Zero, Invert on one. Logic ONEs are indicated by a
transition, while logic ZEROs produce no transition. Further encoding the 4B/5B
encoded data in this way ensures that the Receiver PLL will get a transition at least
every three clock times (the maximum number of ZEROs in the 4B/5B code). Since a
PLL can make a phase comparison and initiate a correction only at a transition,
maximizing the number of transitions helps to keep the loop solidly in lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com