Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7968 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 119Page - Advanced Micro Devices AM7968 Datasheet HTML 120Page - Advanced Micro Devices AM7968 Datasheet HTML 121Page - Advanced Micro Devices AM7968 Datasheet HTML 122Page - Advanced Micro Devices AM7968 Datasheet HTML 123Page - Advanced Micro Devices AM7968 Datasheet HTML 124Page - Advanced Micro Devices AM7968 Datasheet HTML 125Page - Advanced Micro Devices AM7968 Datasheet HTML 126Page - Advanced Micro Devices AM7968 Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 126 / 127 page
background image
AMD
122
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-Nov ’89
Subject: TAXIchip Error Rate Example
INTRODUCTION
A method was devised to establish a baseline TAXIchip set error rate. A series of tests
were conducted at a transmission rate of 125 MHz at room temperature, and various
power supply voltages. The data collected will be used to determine fiber optic and wire
interconnect BER (Bit Error Rate) tests to be completed at a later date.
METHOD
The test method used the TAXI Transmitters and Receivers to transfer data continu-
ously for at least one thousand hours per pair with different VCC conditions. To imple-
ment this test, five TAXI K2 boards were used. Each board includes a TAXI Transmitter
with a ROM data source, and a Receiver with a ROM data checker to test data integrity
on every byte. They were set up according to the diagrams in Figure 20, and intercon-
nected with AC coupled short coax lines.
In Setup 1, a single power supply with 5 V VCC was attached to TAXI K2 board #1.
Board #1 ran independently with the SEROUT+/– connected to its SERIN+/– with 50
Ω
coaxial cables.
Setup 2 had oscillating voltages (4 V to 6 V) connected to the VCC of TAXI K2 boards #2
and #3. The SEROUT+/– of board #2 were connected to the SERIN+/– of board #3, and
the SEROUT+/– of board #3 connected to the SERIN+/– of board #2, with 50
Ω coaxial
cables, forming two test setups with continually varying power supply voltages.
Setup 3 also uses two power supplies with one set at 4 V and the other at 6 V. These
two power supplies were connected to TAXI K2 boards #4 and #5. The SEROUT+/- and
SERIN+/- were connected in the same configuration as boards #2 and #3 in setup 2 with
50
Ω coaxial cables.
The power supply voltages used (4 and 6 V) are outside the data sheet specification for
the TAXIchip set. This test was intended to stress the parts and to simulate extreme
temperature and operating conditions.
These five boards were checked regularly, and the error counts were recorded. To verify
that these boards were still running correctly, they were made to fail intentionally and
then reset.
RESULT
The tests were completed after each board ran more than 1,000 hours. The table below
summarizes the results.
Board#
Hours
Errors
Notes
1
1,606
0
2
1,623
8*
Errors occurred between 438–558 hours
3
1,082
0
4
1,607
2*
Errors occurred between 438–558 hours
5
1,082
0
.
* One error can cause multiple error counts. These were assumed to be one error event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com