Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ64GA
Description  PIC24FJ256GA110 Family Data Sheet
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ64GA Datasheet HTML 1Page - Microchip Technology PIC24FJ64GA Datasheet HTML 2Page - Microchip Technology PIC24FJ64GA Datasheet HTML 3Page - Microchip Technology PIC24FJ64GA Datasheet HTML 4Page - Microchip Technology PIC24FJ64GA Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 3
PIC24FJ256GA110 FAMILY
Power Management:
• On-Chip 2.5V Voltage Regulator
• Switch between Clock Sources in Real Time
• Idle, Sleep and Doze modes with Fast Wake-up and
Two-Speed Start-up
• Run mode: 1 mA/MIPS, 2.0V Typical
• Standby Current with 32 kHz Oscillator: 2.6
A,
2.0V Typical
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation at 32 MHz
• 8 MHz Internal Oscillator
• 17-Bit x 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture with
Flexible Addressing modes
• Linear Program Memory Addressing, Up to 12 Mbytes
• Linear Data Memory Addressing, Up to 64 Kbytes
• Two Address Generation Units for Separate Read and
Write Addressing of Data Memory
Analog Features:
• 10-Bit, Up to 16-Channel Analog-to-Digital (A/D)
Converter at 500 ksps:
- Conversions available in Sleep mode
• Three Analog Comparators with Programmable Input/
Output Configuration
• Charge Time Measurement Unit (CTMU)
Peripheral Features:
• Peripheral Pin Select:
- Allows independent I/O mapping of many
peripherals at run time
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration changes
- Up to 46 available pins (100-pin devices)
• Three 3-Wire/4-Wire SPI modules (supports
4 Frame modes) with 8-Level FIFO Buffer
• Three I2C™ modules support Multi-Master/Slave modes
and 7-Bit/10-Bit Addressing
• Four UART modules:
- Supports RS-485, RS-232, LIN/J2602 protocols
and IrDA®
- On-chip hardware encoder/decoder for IrDA
- Auto-wake-up and Auto-Baud Detect (ABD)
- 4-level deep FIFO buffer
• Five 16-Bit Timers/Counters with Programmable Prescaler
• Nine 16-Bit Capture Inputs, each with a
Dedicated Time Base
• Nine 16-Bit Compare/PWM Outputs, each with a
Dedicated Time Base
• 8-Bit Parallel Master Port (PMP/PSP):
- Up to 16 address pins
- Programmable polarity on control lines
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• Programmable Cyclic Redundancy Check (CRC) Generator
• Up to 5 External Interrupt Sources
PIC24FJ
Device
Remappable Peripherals
64GA106
64
64K
16K
31
5
9
9
4
3
3
16
3
Y
Y
Y
128GA106
64
128K
16K
31
5
9
9
4
3
3
16
3
Y
Y
Y
192GA106
64
192K
16K
31
5
9
9
4
3
3
16
3
Y
Y
Y
256GA106
64
256K
16K
31
5
9
9
4
3
3
16
3
Y
Y
Y
64GA108
80
64K
16K
42
5
9
9
4
3
3
16
3
Y
Y
Y
128GA108
80
128K
16K
42
5
9
9
4
3
3
16
3
Y
Y
Y
192GA108
80
192K
16K
42
5
9
9
4
3
3
16
3
Y
Y
Y
256GA108
80
256K
16K
42
5
9
9
4
3
3
16
3
Y
Y
Y
64GA110
100
64K
16K
46
5
9
9
4
3
3
16
3
Y
Y
Y
128GA110
100
128K
16K
46
5
9
9
4
3
3
16
3
Y
Y
Y
192GA110
100
192K
16K
46
5
9
9
4
3
3
16
3
Y
Y
Y
256GA110
100
256K
16K
46
5
9
9
4
3
3
16
3
Y
Y
Y
64/80/100-Pin, 16-Bit, General Purpose
Flash Microcontrollers with Peripheral Pin Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com