Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7996DC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM7996DC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996DC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM7996DC Datasheet HTML 3Page - Advanced Micro Devices AM7996DC Datasheet HTML 4Page - Advanced Micro Devices AM7996DC Datasheet HTML 5Page - Advanced Micro Devices AM7996DC Datasheet HTML 6Page - Advanced Micro Devices AM7996DC Datasheet HTML 7Page - Advanced Micro Devices AM7996DC Datasheet HTML 8Page - Advanced Micro Devices AM7996DC Datasheet HTML 9Page - Advanced Micro Devices AM7996DC Datasheet HTML 10Page - Advanced Micro Devices AM7996DC Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AMD
7
Am7996
Figure 2 is an external component diagram showing
how to implement the transmit mode collision detect
levels recommended by IEEE 802.3. Figure 3 on the
following page shows how to implement the receive
mode
collision
detect
levels
recommended
by
IEEE 802.3. Receive mode collision detect threshold
levels of the Am7996 are implemented by adding R9,
R10 and C4. For the values of the components shown in
Figure 3, a nominal receive mode collision detect
threshold of –1.5 V, for a –1.404 V to –1.581 V window,
is achieved.
Notes:
1.
CL is the effective load capacitance across R6; CC is the compensation capacitance (CC = 1/3 CL).
2.
D2 can be eliminated in Cheapernet (IEEE 802.3, 10BASE2) applications.
3.
Shown with SQE Test disabled.
4.
Discrete Power Supply or Hybrid-Hybrid DC-DC Converter Manufacturers include:
Ethernet (IEEE 802.3, 10BASE5)
Reliability: 2E12R9
Valor Electronics: PM1001
Cheapernet (IEEE 802.3, 10BASE2)
Reliability Inc: 2VP5U9
Valor Electronics: PM7102
5.
The capacitance of C3, Am7996 package, D3 and the printed circuit board should add up to 180 pF
± 20%.
6.
The capacitance of C1, Am7996 package and the printed circuit board should add up to 39 pF.
7.
Figure 2 used for production testing of all parameters that are tested.
07506E-5
COLL
RCV
XMT
1:1
1:1
1:1
Power (DTE)
(Note 3)
2
3
4
5
GND
–9 V
6
7
8
9
10
R1
40.2
Ω
1%
R3
174
Ω
9.09
Ω
1%
(Note 5)
1N4001
C3
180 pF
(Note 1)
9.09
Ω
1%
1N4150
D2
D1
CC
R6
24.9 k
Ω
1%
CL
(Note 6)
C1
39 pF
C2
0.1
µF
1%
1%
R4
1.1 k
Ω
Coax
Connector
1
20
19
18
17
16
15
14
13
12
11
MAU Power Supply
(Note 4)
R2
40.2
Ω
1%
1%
(75
µH)
PE64102/PE64107 (or equivalent)
VCC1
CI+
CI–
DI+
DI–
VCREF
SQE^TEST
DO+
DO–
VEE
COLL OSC
VCC2
VCOL
NC
RXT
Tap
Shield
VTX-
TXT
VTX+
NC
R5
75 k
Ω
(Note 1)
D3
(Note 2)
R8
Am7996
R7
Figure 2. Am7996 External Component Diagram for Transmit Mode Collision Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com