Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C30A Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C30A
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30A Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C30A Datasheet HTML 45Page - Advanced Micro Devices AM79C30A Datasheet HTML 46Page - Advanced Micro Devices AM79C30A Datasheet HTML 47Page - Advanced Micro Devices AM79C30A Datasheet HTML 48Page - Advanced Micro Devices AM79C30A Datasheet HTML 49Page - Advanced Micro Devices AM79C30A Datasheet HTML 50Page - Advanced Micro Devices AM79C30A Datasheet HTML 51Page - Advanced Micro Devices AM79C30A Datasheet HTML 52Page - Advanced Micro Devices AM79C30A Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
Am79C30A/32A Data Sheet
49
3. Inter-chip communication between devices on the
bus, for instance, data flow between the DSC circuit
MAP and an external speech encryption device.
4. Connection of multiple DLCs to the D channel, in-
cluding access arbitration. This function is referred
to as the TIC channel.
The IOM-2 Terminal mode bus consists of three IOM-2
subframes, each containing 32 bits. This 12-byte frame
is repeated at 8 kHz, resulting in an aggregate data rate
of 768 kbits/s. The frame structure is illustrated in Fig-
ure 7, and contains the following channels:
•
Two 64-kbits/s data channels, labeled B1 and B2.
•
Two device programming channels, labeled Monitor
0 and 1. Each channel has an associated pair of MX
and MR handshake bits that control data flow.
•
One 16-kbits/s D channel for signaling and data
packets.
•
Two Command/Indicate channels, labeled C/I0, and
C/I1, to provide status and command for devices
connected via the monitor channels. The Com-
mand/Indicate channel in the first IOM-2 subframe
consists of four bits, providing 16 states in each di-
rection. In the second subframe the C/I channel is 6
bits, providing 64 states in each direction.
•
Two 64-kbits/s intercommunication channels, la-
beled IC1 and IC2, to provide additional interdevice
communications bandwidth.
All data transmitted on the IOM-2 Interface via the
SBOUT pin is transmitted MSB first, with the exception
of D-channel data, which is transmitted LSB first. The
receiver operates in a compatible way via the SBIN pin.
SCLK
192 kHz
SBIN or
SBOUT
SFS
41.7 µs
52 µs
LSB
MSB
125 µs
B3
Bd
Bf
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Figure 5.
Serial Bus Port Mode Timing
09893H-6
Note:
SBIN is sampled on the rising edge of SCLK. SBOUT is changed on the falling edge of SCLK.
SFS
SBIN/
MR,MX
IOM channel 0
Figure 6.
IOM-2 Terminal Mode Frame Structure
09893H-7
MR,MX
IOM channel 2
IOM channel 1
SBOUT
B1
B2
MON0 D C/I
IC1
IC2
MON1
C/I
TIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com