Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFG3052C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AFG3052C
Description  Arbitrary Function Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG3052C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AFG3052C Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet
System Characteristics
Characteristic
Description
Frequency Resolution
1 μHz or 12 digits
Internal Frequency Reference
Stability
All except ARB: ±1 ppm, 0 °C to 50 °C
ARB: ±1 ppm ± 1 µHz, 0 °C to 50 °C
Aging
±1 ppm per year
Phase (except DC, Noise, Pulse)
Range
-180° to +180°
Resolution
0.01° (sine), 0.1° (other waveforms)
When activated, output signal amplitude is reduced to 50%
Level
0.0% to 50% of amplitude (Vp-p) setting
Resolution
1%
Main Output
50 Ω
Remote Programming
GPIB, LAN 10BASE-T / 100BASE-TX, USB 1.1
Compatible with SCPI-1999.0 and IEEE 488-2 standards
Configuration times, max typical
USB
LAN
GPIB
Function change
81 ms
81 ms
81 ms
Frequency change (except Pulse)
2.5 ms
6 ms
3.2 ms
Frequency change (Pulse)
40 ms
37 ms
32 ms
Amplitude change
90 ms
97 ms
90 ms
Select user ARB (4k points from USB
Memory)
48 ms
50 ms
49 ms
Select user ARB (128k points from
USB Memory)
260 ms
266 ms
240 ms
Data download time for 4000 point
waveform data, typical
47 ms
78 ms
320 ms
Power Source
100-240 V, 47-63 Hz, or 115 V, 360-440 Hz
Power Consumption
Less than 120 W
Warm-up Time, typical
20 minutes
Power-on Self Diagnostics, typical
<10 s
Acoustic Noise, typical
<50 dBA
Display
5.6 in. Color TFT LCD
User Interface and Help Languages
English, French, German, Japanese, Korean, Portuguese, Simplified and Traditional Chinese, Russian (user selectable)
Modulation
AM, FM, PM
Characteristic
Description
Carrier Waveforms
All, except Pulse, Noise, and DC
Source
Internal/External
Internal Modulating
Waveform
Sine, square, ramp, noise, ARB
(AM: maximum waveform length 4,096;
FM/PM: maximum waveform length 2,048)
Internal Modulating
Frequency
2mHz to 50.00kHz
AM Modulation Depth 0.0% to +120.0%
Min FM Peak Deviation DC
Max FM Peak
Deviation
See following table, Modulation: Max FM Peak Deviation
PM Phase Deviation
-360.0° to +360.0°
Pulse Width Modulation
Characteristic
Description
Carrier Waveform
Pulse
Source
Internal/External
Internal Modulating
Waveform
Sine, square, ramp, noise, ARB
(maximum waveform length 2,048)
Internal Modulating
Frequency
2 mHz to 50.00 kHz
Deviation
0% to 50.0% of pulse period
Modulation: Max FM Peak Deviation
Characteristic
AFG3011C
AFG3021C
AFG3022C
AFG3051C
AFG3052C
AFG3101C
AFG3102C
AFG3251C
AFG3252C
Sine
5 MHz
12.5 MHz
25 MHz
50 MHz
120 MHz
Square
2.5 MHz
12.5 MHz
20 MHz
25 MHz
60 MHz
ARB
2.5 MHz
6.25 MHz
12.5 MHz
25 MHz
60 MHz
Others
50 kHz
250 kHz
400 kHz
500 kHz
1.2 MHz
4 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com