Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53CF94KCW Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM53CF94KCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94KCW Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM53CF94KCW Datasheet HTML 62Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 63Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 64Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 65Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 66Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 67Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 68Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 69Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
P R E L I M I N A R Y
AMD
66
Am53CF94/Am53CF96
ACK
REQC
SD 7–0
SDP
178
177
179
180
17348B-56
Asynchronous Target Send
177
tS
Data to
REQC
Set Up Time
60
ns
178
tH
ACK
to Data Hold Time
5
ns
179
tPD
ACK
to
REQC
Delay
50
ns
180
tPD
ACK
to
REQC
Delay
45
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Single Ended:
177
tS
Data to
REQC
Set Up Time
70
ns
178
tH
ACK
to Data Hold Time
5
ns
179
tPD
ACK
to
REQC
Delay
30
ns
180
tPD
ACK
to
REQC
Delay
30
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Differential:
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com