Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFG3102C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AFG3102C
Description  Arbitrary Function Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG3102C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AFG3102C Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG3102C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet
Characteristics
AFG3000C Series Characteristics
Characteristic
AFG3011C
AFG3021C
AFG3022C
AFG3051C
AFG3052C
AFG3101C
AFG3102C
AFG3251C
AFG3252C
Channels
1
1/ 2
1 /2
1/ 2
1 / 2
Waveforms
Sine, Square, Pulse, Ramp, Triangle, Sin(x)/x, Exponential Rise and Decay, Gaussian, Lorentz, Haversine, DC, Noise
Sine Wave
1µHz to 10 MHz
1 µHzto25MHz
1 µHz to 50 MHz
1 µHz to 100 MHz
1 µHzto240 MHz
Sine wave in Burst Mode
1 µHz to 5 MHz
1 µHz to 12.5 MHz
1 µHz to 25 MHz
1 µHz to 50 MHz
1 µHz to 120 MHz
Effective maximum
frequency out
10 MHz
25 MHz
50 MHz
100 MHz
240 MHz
Amplitude Flatness (1 Vp-p)
<5 MHz: ±0.15 dB
≥5MHz to 10 MHz:
±0.3 dB
<5 MHz: ±0.15 dB
≥5MHz to 20 MHz:
±0.3 dB
≥20 MHz to 25MHz:
±0.5 dB
<5 MHz: ±0.15 dB
≥5MHz to 45 MHz:
±0.3 dB
≥45 MHz to 50MHz:
±0.5 dB
<5 MHz: ±0.15 dB
≥5MHz to 25 MHz:
±0.3 dB
≥25 MHz to 100 MHz:
±0.5 dB
<5 MHz: ±0.15 dB
≥5MHz to 25 MHz:
±0.3 dB
≥25 MHz to 100 MHz:
±0.5 dB
≥100 MHz to200 MHz:
±1.0 dB
≥200 MHz to240 MHz:
±2.0 dB
Harmonic Distortion (1 Vp-p) 10 Hz to 20 kHz: < -60 dBc
≥20 kHzto1MHz: <
-55 dBc
≥1 MHz to5MHz: <
-45 dBc
≥5MHz to 10 MHz:
< -45 dBc
10 Hz to 20 kHz: < -70 dBc
≥20 kHzto1MHz: <
-60 dBc
≥1MHz to 10 MHz: <
-50 dBc
≥10 MHz to 25 MHz:
< -40 dBc
10 Hz to 20 kHz: < -70 dBc
≥20 kHz to 1 MHz: <
-60 dBc
≥1MHz to 5MHz: <
-50 dBc
≥5MHz to 50 MHz:
< -40 dBc
10 Hz to1MHz: < -60dBc
≥1 MHz to 5 MHz: <
-50 dBc
≥5MHz to 100MHz:
<-37 dBc
10 Hz to1MHz: < -60dBc
≥1 MHz to 5 MHz: <
-50 dBc
≥5MHz to 25 MHz: <
-37 dBc
≥25 MHz to 240 MHz:
< -30 dBc
THD
<0.2%(10 Hz –20kHz, 1 Vp-p)
Spurious (1 Vp-p)
10 Hz to1MHz: < -60dBc
≥1MHz to 10 MHz:
< -50 dBc
10 Hz to1MHz: < -60dBc
≥1MHz to 25 MHz:
< -50 dBc
10 Hz to1MHz: < -60dBc
≥1MHz to 50 MHz:
< -50 dBc
10 Hz to1MHz: < -60dBc
≥1MHz to 25 MHz:
<-50 dBc
≥25 MHz to 100 MHz:
< - 50 dBc + 6 dBc/octave
10 Hz to1MHz: < -50dBc
≥1MHz to 25 MHz:
< -47 dBc
≥25 MHz to 240 MHz:
< - 47 dBc + 6 dBc/octave
Phase noise, typical
<-110dBc/Hzat 10MHz,
10 kHz offset, 1 Vp-p
<-110dBc/Hzat 20MHz, 10kHz offset, 1 Vp-p
Residual clock noise
-63 dBm
-63 dBm
-63 dBm
-57 dBm
-57 dBm
Square Wave
1 µHz to 5 MHz
1 µHz to 25 MHz
1 μHz to 40 MHz
1 µHzto50MHz
1µHz to 120 MHz
Rise/Fall time
≤50 ns
≤9ns
≤7ns
≤5ns
≤2.5 ns
Jitter (RMS), typical
500 ps
500 ps
300 ps
200 ps
100 ps
Ramp Wave
1µHz to 100kHz
1µHz to 500kHz
1 μHz to 800 kHz
1 µHz to 1 MHz
1 µHz to 2.4 MHz
Linearity, typical
≤0.2% of peak output
≤0.1% of peak output
≤ 0.1% of peak output
≤0.15% of peak output
≤0.2% of peak output
Symmetry
0.0% to 100.0%
Pulse Wave
1 mHz to 5 MHz
1 mHz to 25 MHz
1 mHz to 40 MHz
1 mHz to 50 MHz
1 mHz to 120 MHz
Pulse width
80.00 ns to 999.99 s
16.00 ns to 999.99 s
12 ns to 999.99 s
8.00 ns to 999.99 s
4.00 ns to 999.99 s
Resolution
10 ps or 5 digits
Pulse duty
0.001% to 99.999% (Limitations of pulse width apply)
Edge transition time
50 ns to 625 s
9 ns to 625 s
7 ns to 625 s
5 ns to 625 s
2.5 ns to 625 s
Resolution
10 ps or 4 digits
Lead delay
Range
(Continuous Mode): 0 ps to Period
(Triggered/Gated Burst Mode): 0 ps to Period – [Pulse Width + 0.8 * (Leading Edge Time + Trailing Edge Time)]
Resolution
10 ps or 8 digits
Overshoot, typical
<5%
Jitter (RMS), typical
500 ps
500 ps
300 ps
200 ps
100 ps
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com