Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C90 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 9Page - Advanced Micro Devices AM79C90 Datasheet HTML 10Page - Advanced Micro Devices AM79C90 Datasheet HTML 11Page - Advanced Micro Devices AM79C90 Datasheet HTML 12Page - Advanced Micro Devices AM79C90 Datasheet HTML 13Page - Advanced Micro Devices AM79C90 Datasheet HTML 14Page - Advanced Micro Devices AM79C90 Datasheet HTML 15Page - Advanced Micro Devices AM79C90 Datasheet HTML 16Page - Advanced Micro Devices AM79C90 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
P R E L I M I N A R Y
AMD
13
Am79C90
the BYTE scheme is chosen, the
BM1 pin can be used
for performing the function
BUSAKO.
BCON is also used to program pins for different DMA
modes. In a daisy chain DMA scheme, 3 signals are
used (
BUSRQ, HLDA, BUSAKO). In systems using a
DMA controller for arbitration, only
HOLD and HLDA are
used.
C-LANCE in Bus Slave Mode
The C-LANCE enters the Bus Slave Mode whenever
CS
becomes active. This mode must be entered whenever
writing or reading the four status control registers
(CSR0, CSR1, CSR2, and CSR3) and the Register Ad-
dress Pointer (RAP). RAP and CSR0 may be read or
written to at anytime, but the C-LANCE must be stopped
(by setting the stop bit in CSR0) for CSR1, CSR2, and
CSR3 access.
Read Sequence (Slave Mode)
At the beginning of a read cycle,
CS, READ, and DAS
are asserted. ADR must be valid at this time. (If ADR is a
“1,” the contents of RAP are placed on the DAL lines.
Otherwise the contents of the CSR register addressed
by RAP are placed on the DAL lines.) After the data on
the DAL lines become valid, the C-LANCE asserts
READY, CS, READ, DAS, and ADR must remain stable
throughout the cycle. Refer to Figure 3.
Write Sequence (Slave Mode)
This cycle is similar to the read cycle, except that during
this cycle, READ is not asserted (READ is LOW). The
DAL buffers are tristated which configures these lines as
inputs. The assertion of
READY by C-LANCE indicates
to the memory device that the data on the DAL lines
have been stored by C-LANCE in its appropriate CSR
register.
CS, READ, DAS, ADR and DAL 15:00 must re-
main stable throughout the write cycle. Refer to
Figure 4.
Note: Setting the STOP bit in the C-LANCE will gener-
ate a C-LANCE reset, which will cause all bus control
output signals (including
READY) to float. To guarantee
slave write timing when the STOP bit is being set in
CSR0, the C-LANCE will latch the STOP bit and will wait
for the slave cycle to complete before resetting itself and
floating the output signals.
C-LANCE in Bus Master Mode
All data transfers from the C-LANCE in the bus Master
mode are timed by ALE,
DAS, and READY. The auto-
matic adjustment of the C-LANCE cycle by the
READY
signal allows synchronization with variable cycle time
memory due either to memory refresh or to dual port ac-
cess. Transfers are a minimum of 600 ns in length ex-
cept for the first transfer of a bus mastership period in
which the minimum is 700 ns. Transfers can be in-
creased in 100 ns increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com