Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C972 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 45Page - Advanced Micro Devices AM79C972 Datasheet HTML 46Page - Advanced Micro Devices AM79C972 Datasheet HTML 47Page - Advanced Micro Devices AM79C972 Datasheet HTML 48Page - Advanced Micro Devices AM79C972 Datasheet HTML 49Page - Advanced Micro Devices AM79C972 Datasheet HTML 50Page - Advanced Micro Devices AM79C972 Datasheet HTML 51Page - Advanced Micro Devices AM79C972 Datasheet HTML 52Page - Advanced Micro Devices AM79C972 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
Am79C972
49
Burst FIFO DMA Transfers
Bursting is only performed by the Am79C972 controller
if the BREADE and/or BWRITE bits of BCR18 are set.
These bits individually enable/disable the ability of the
Am79C972 controller to perform burst accesses during
master read operations and master write operations,
respectively.
A burst transaction will start with an address phase, fol-
lowed by one or more data phases. AD[1:0] will always
be 0 during the address phase indicating a linear burst
order.
During FIFO DMA read operations, all byte lanes will
always be active. The Am79C972 controller will inter-
nally discard unused bytes. During the first and the last
data phases of a FIFO DMA burst write operation, one
or more of the byte enable signals may be inactive. All
other data phases will always write a complete DWord.
Figure 29 shows the beginning of a FIFO DMA write
with the beginning of the buffer not aligned to a DWord
boundary. The Am79C972 controller starts off by writ-
ing only three bytes during the first data phase. This op-
eration aligns the address for all other data transfers to
a 32-bit boundary so that the Am79C972 controller can
continue bursting full DWords.
If a receive buffer does not end on a DWord boundary,
the Am79C972 controller will perform a non-DWord
write on the last transfer to the buffer. Figure 30 shows
the final three FIFO DMA transfers to a receive buffer.
Since there were only nine bytes of space left in the re-
ceive buffer, the Am79C972 controller bursts three data
phases. The first two data phases write a full DWord,
the last one only writes a single byte.
Note that the Am79C972 controller will always perform
a DWord transfer as long as it owns the buffer space,
even when there are less than four bytes to write. For
example, if there is only one byte left for the current re-
ceive frame, the Am79C972 controller will write a full
DWord, containing the last byte of the receive frame in
the least significant byte position (BSWP is cleared to
0, CSR3, bit 2). The content of the other three bytes is
undefined. The message byte count in the receive de-
scriptor always reflects the exact length of the received
frame.
Figure 29.
FIFO Burst Write At Start Of Unaligned
Buffer
The Am79C972 controller will continue transferring
FIFO data until the transmit FIFO is filled to its high
threshold (read transfers) or the receive FIFO is emp-
tied to its low threshold (write transfers), or the
Am79C972 controller is preempted, and the PCI La-
tency Timer is expired. The host should use the values
in the PCI MIN_GNT and MAX_LAT registers to deter-
mine the value for the PCI Latency Timer.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
23456
0000
0111
PAR
PAR
PAR
DEVSEL is sampled
0001
PAR
DATA
DATA
DATA
ADD
21485C-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com