Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C973 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 72Page - Advanced Micro Devices AM79C973 Datasheet HTML 73Page - Advanced Micro Devices AM79C973 Datasheet HTML 74Page - Advanced Micro Devices AM79C973 Datasheet HTML 75Page - Advanced Micro Devices AM79C973 Datasheet HTML 76Page - Advanced Micro Devices AM79C973 Datasheet HTML 77Page - Advanced Micro Devices AM79C973 Datasheet HTML 78Page - Advanced Micro Devices AM79C973 Datasheet HTML 79Page - Advanced Micro Devices AM79C973 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 304 page
background image
76
Am79C973/Am79C975
P R E L I M INARY
CSR12 to CSR14). The byte ordering is such that the
first byte received from the network (after the SFD)
must match the least significant byte of CSR12
(PADR[7:0]), and the sixth byte received must match
the most significant byte of CSR14 (PADR[47:40]).
When DRCVPA (CSR15, bit 13) is set to 1, the
Am79C973/Am79C975 controller will not accept uni-
cast frames.
If the incoming frame is multicast, the Am79C973/
Am79C975 controller performs a calculation on the
contents of the destination address field to determine
whether or not to accept the frame. This calculation is
explained in the section that describes the Logical Ad-
dress Filter (LADRF).
When all bits of the LADRF registers are 0, no multicast
frames are accepted, except for broadcast frames.
Although broadcast frames are classified as special
multicast frames, they are treated differently by the
Am79C973/Am79C975 controller hardware. Broadcast
frames are always accepted, except when DRCVBC
(CSR15, bit 14) is set and there is no Logical Address
match.
None of the address filtering described above applies
when the Am79C973/Am79C975 controller is operat-
ing in the promiscuous mode. In the promiscuous
mode, all properly formed packets are received, re-
gardless of the contents of their destination address
fields. The promiscuous mode overrides the Disable
Receive Broadcast bit (DRCVBC bit l4 in the MODE
register) and the Disable Receive Physical Address bit
(DRCVPA, CSR15, bit 13).
The Am79C973/Am79C975 controller operates in pro-
miscuous mode when PROM (CSR15, bit 15) is set.
In addition, the Am79C973/Am79C975 controller pro-
vides the External Address Detection Interface (EADI)
to allow external address filtering. See the section Ex-
ternal Address Detection Interface for further detail.
The receive descriptor entry RMD1 contains three bits
that indicate which method of address matching
caused the Am79C973/Am79C975 controller to accept
the frame. Note that these indicator bits are only avail-
able when the Am79C973/Am79C975 controller is pro-
grammed to use 32-bit structures for the descriptor
entries (BCR20, bit 7-0, SWSTYLE is set to 2 or 3).
PAM (RM D1, b it 2 2) is se t by th e Am 79 C973 /
Am79C975 controller when it accepted the received
frame due to a match of the frame’s destination ad-
dress with the content of the physical address register.
LAFM (RMD1, bit 21) is set by the Am79C973/
Am79C975 controller when it accepted the received
frame based on the value in the logical address filter
register.
BAM (RMD1, bit 20) is set by the Am7 9C973/
Am79C975 controller when it accepted the received
frame because the frame’s destination address is of the
type ’Broadcast’.
If DRCVBC (CSR15, bit 14) is cleared to 0, only BAM,
but not LAFM will be set when a Broadcast frame is re-
ceived, even if the Logical Address Filter is pro-
grammed in such a way that a Broadcast frame would
pass the hash filter. If DRCVBC is set to 1 and the Log-
ical Address Filter is programmed in such a way that a
Broadcast frame would pass the hash filter, LAFM will
be set on the reception of a Broadcast frame.
When the Am79C973/Am79C975 controller operates
in promiscuous mode and none of the three match bits
is set, it is an indication that the Am79C973/Am79C975
controller only accepted the frame because it was in
promiscuous mode.
When the Am79C973/Am79C975 controller is not pro-
grammed to be in promiscuous mode, but the EADI in-
terface is enabled, then when none of the three match
bits is set, it is an indication that the Am79C973/
Am79C975 controller only accepted the frame because
it was not rejected by driving the EAR pin LOW within
64 bytes after SFD.
See Table 7 for receive address matches.
Table 7. Receive Address Match
Automatic Pad Stripping
During reception of an IEEE 802.3 frame, the pad field
can be stripped automatically. Setting ASTRP_RCV
(CSR4, bit 0) to 1 enables the automatic pad stripping
feature. The pad field will be stripped before the frame
is passed to the FIFO, thus preserving FIFO space for
additional frames. The FCS field will also be stripped,
since it is computed at the transmitting station based on
the data and pad field characters, and will be invalid for
a receive frame that has had the pad characters
stripped.
PAM
LAF
MBAM
DRC
VBC
Comment
00
0
X
Frame accepted due to
PROM = 1 or no EADI
reject
1
0
0
X
Physical address match
01
00
Logical address filter
match;
frame is not of type
broadcast
01
01
Logical address filter
match;
frame can be of type
broadcast
00
10
Broadcast frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com