Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976 Datasheet(PDF) 204 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 204 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 200Page - Advanced Micro Devices AM79C976 Datasheet HTML 201Page - Advanced Micro Devices AM79C976 Datasheet HTML 202Page - Advanced Micro Devices AM79C976 Datasheet HTML 203Page - Advanced Micro Devices AM79C976 Datasheet HTML 204Page - Advanced Micro Devices AM79C976 Datasheet HTML 205Page - Advanced Micro Devices AM79C976 Datasheet HTML 206Page - Advanced Micro Devices AM79C976 Datasheet HTML 207Page - Advanced Micro Devices AM79C976 Datasheet HTML 208Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 309 page
background image
204
Am79C976
8/01/00
P R E L I M INARY
and allowed to float high whenev-
er the OR of the enabled signals
is false (i.e., the LED output will
be an Open Drain output and the
output value will be the inverse of
the LEDOUT status bit).
When this bit has the value 1, the
LED pin will be driven to a HIGH
level whenever the OR of the en-
abled signals is true. The LED pin
will be driven to a LOW level
whenever the OR of the enabled
signals is false (i.e., the LED out-
put will be a Totem Pole output
and the output value will be the
same polarity as the LEDOUT
status bit).
The setting of this bit will not ef-
fect the polarity of the LEDOUT
bit for this register.
Read/Write accessible. LEDPOL
is cleared by H_RESET and is
not affected by S_RESET or set-
ting the STOP bit.
13
LEDDIS
LED Disable. This bit is used to
disable the LED output. When
LEDDIS has the value 1, then the
LED output will always be dis-
abled. When LEDDIS has the val-
ue 0, then the LED output value
will be governed by the LEDOUT
and LEDPOL values.
Read/Write accessible. LEDDIS
is cleared by H_RESET and is
not affected by S_RESET or set-
ting the STOP bit.
12
100E
100 Mbps Enable. When this bit
is set to 1, a value of 1 is passed
to the LEDOUT bit in this register
when the Am79C976 controller is
operating at 100 Mbps mode.
Read/Write accessible. 100E is
set to 1 by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
11-10
RES
Reserved locations. Written and
read as zeros.
9
MPSE
Magic Packet Status Enable.
When this bit is set to 1, a value
of 1 is passed to the LEDOUT bit
in this register when Magic Pack-
et frame mode is enabled and a
Magic Packet frame is detected
on the network.
Read/Write accessible. MPSE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
8
FDLSE
Full-Duplex Link Status Enable.
Indicates the Full-Duplex Link
Test Status. When this bit is set,
a value of 1 is passed to the LED-
OUT signal when the Am79C976
controller is functioning in a Link
Pass state and full-duplex opera-
tion
is
enabled.
When
the
Am79C976 controller is not func-
tioning in a Link Pass state with
full-duplex operation being en-
abled, a value of 0 is passed to
the LEDOUT signal.
Read/Write accessible. FDLSE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
Read/Write accessible. PSE is
set to 1 by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
in Link Pass state.
Read/Write accessible. LNKSE is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com