Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 112Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 113Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 114Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 115Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 116Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 117Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 118Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 119Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 309 page
background image
116
Am79C976
8/01/00
P R E L I M INARY
ler requires. When the host writes
a value of FFFF FFFFh to the I/O
Base Address register, it will read
back a value of 0 in bits 4-2. That
indicates
an
Am79C976
I/O
space requirement of 32 bytes.
1
RES
Reserved location. Read as zero;
write operations have no effect.
0
IOSPACE
I/O space indicator. Read as one;
write operations have no effect.
Indicating that this base address
register describes an I/O base
address.
3&, 0HPRU\ 0DSSHG,2 %DVH $GGUHVV5HJLVWHU
Offset 14h
The PCI Memory Mapped I/O Base Address register is
a 32-bit register that determines the location of the
Am79C976 I/O resources. Memory space claimed by
the Am79C976 device may be mapped anywhere in 32-
bit memory space.
Bit
Name
Description
31-12
MEMBASE Memory mapped I/O base ad-
dress, bits 31-12. These bits are
written by the host to specify the
location of the Am79C976 I/O re-
sources in 32-bit memory space.
MEMBASE must be written with a
valid
address
before
the
Am79C976
controller
slave
memory mapped I/O mode is
turned on by setting the MEMEN
bit (PCI Command register, bit 1).
When the Am79C976 controller
is enabled for memory mapped
I/O mode (MEMEN is set), it mon-
itors the PCI bus for a valid mem-
ory command. If the value on
AD[31:12] during the address
phase of the cycles matches the
value
of
MEMBASE,
the
Am79C976 controller will drive
DEVSEL indicating it will respond
to the access.
MEMBASE is read and written by
the host. MEMBASE is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
11-4
MEMSIZE
Memory mapped I/O size re-
quirements. Read as zeros; write
operations have no effect.
MEMSIZE indicates the size of
the
memory
space
the
Am79C976 controller requires.
When the host writes a value of
FFFF FFFFh to the Memory
Mapped I/O Base Address regis-
ter, it will read back 0s in bit 11:4
to indicate an Am79C976 memo-
ry space requirement of 4K bytes.
3
PREFETCH Prefetchable. The value of this
read-only bit is the inverse of the
value of the Disable Prefetchabil-
ity (PREFETCH_DIS) bit (CMD3,
bit 30). PREFETCH_DIS is nor-
mally loaded from EEPROM. Set-
ting PREFETCH to 1 indicates
that the memory space claimed
by this device can be prefetched.
Because of the side effects of
reading the Reset Register at off-
set 14h or 18h (depending on the
state of DWIO (CMD2, bit 28)),
locations at offsets less than 20h
cannot
be
prefetched.
The
Am79C976 device will discon-
nect any attempted burst transfer
at offsets less than 20h.
This bit is read-only. (However,
its
value
is
the
inverse
of
PREFETCH_DIS, which can be
loaded from EEPROM.)
2-1
TYPE
Memory type indicator. Read as
zeros; write operations have no
effect. Indicates that this base ad-
dress register is 32 bits wide and
mapping can be done anywhere
in the 32-bit memory space.
0
MEMSPACE Memory space indicator. Read
as zero; write operations have no
effect. Indicates that this base ad-
dress register describes a memo-
ry base address.
3&,6XEV\VWHP9HQGRU ,'5HJLVWHU
Offset 2Ch
The PCI Subsystem Vendor ID register is a 16-bit reg-
ister that together with the PCI Subsystem ID uniquely
identifies the add-in card or subsystem the Am79C976
controller is used in. Subsystem Vendor IDs can be ob-
tained from the PCI SIG. A value of 0 (the default) indi-
cates that the Am79C976 controller does not support
subsystem identification. The PCI Subsystem Vendor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com