Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 113Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 114Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 115Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 116Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 117Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 118Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 119Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 120Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 309 page
background image
8/01/00
Am79C976
117
P R E L I M INARY
ID is an alias of BCR23, bits 15-0. It is programmable
through the EEPROM.
The PCI Subsystem Vendor ID register is read only.
3&, 6XEV\VWHP,' 5HJLVWHU
Offset 2Eh
The PCI Subsystem ID register is a 16-bit register that
together with the PCI Subsystem Vendor ID uniquely
identifies the add-in card or subsystem the Am79C976
controller is used in. The value of the Subsystem ID is
up to the system vendor. A value of 0 (the default) indi-
cates that the Am79C976 controller does not support
subsystem identification. The PCI Subsystem ID is an
alias of BCR24, bits 15-0. It is programmable through
the EEPROM.
The PCI Subsystem ID register is read only.
3&, ([SDQVLRQ520 %DVH$GGUHVV 5HJLVWHU
Offset 30h
The PCI Expansion ROM Base Address register is a
32-bit register that defines the base address, size and
address alignment of an Expansion ROM. The host
CPU can determine the size and alignment require-
ments of the ROM by writing all 1s to this register, read-
ing back the result, and masking out the least
significant bit. The device will return 0s in all don’t care
bits.
The Am79C976 device supports ROMs ranging in size
from 2 kbytes to 16 Mbytes. The amount of address
space claimed by the ROM can be programmed
through the ROM Configuration register, which can be
loaded from the external serial EEPROM. The bits of
the ROM Configuration Register (ROM_CFG) act as
write enable bits for bits [23:11] and bit 0 of this register.
See Figure 4646.
As an example, assume that ROM_CFG is pro-
grammed to 0F001h. This means that bits [23:20] and
bit 0 of ROMBASE are write enabled, and bits [19:11]
are fixed at 0. In addition, bits [31:24] of ROMBASE are
always write enabled, and bits [10:1] are always 0, re-
gardless of the contents of ROM_CFG. Therefore,
when the host CPU writes all 1s to ROMBASE, it will
read back 0FFF00001h. Masking out bit 0 leaves
0FFF00000h. This means that bits [19:0] of the base
address are don’t cares, and the ROM occupies 220 or
1 Mbytes of address space, and must be mapped to a
1 Mbyte boundary. If the CPU then writes 00300001h
to this register and sets the MEMEN bit (PCI Command
register, bit 1) to enable memory accesses, the ROM
will claim the memory space between 00300000h and
003FFFFFh.
)LJXUH 3&, ([SDQVLRQ520 %DVH $GGUHVV 5HJLVWHU
Note: The procedure described in the PCI Expansion
ROM Base Address Register section specifies the
amount of address space that the ROM claims. The
ROM may be smaller than the amount of address
space claimed. The actual size of the code in the Ex-
pansion ROM is always determined by reading the Ex-
pansion ROM header.
  

 













520B&)*
520%$6(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com