Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 134Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 135Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 136Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 137Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 138Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 139Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 140Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 141Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 309 page
background image
138
Am79C976
8/01/00
P R E L I M INARY
CMD7: Command7
Offset 064h
CMD7 is a command-style register. All bits in this reg-
ister are cleared to 0 when power is first applied to the
device (power-on reset). The contents of this register
are not affected by the state of the RST pin. The con-
tents of this register can not be loaded from the
EEPROM. Therefore, the contents of this register are
not disturbed when PCI bus power is removed and re-
applied.
Table 45. CMD7: Command7 Register
Bit
Name
Description
31-8
RES
Reserved locations. Written as zeros and read as undefined.
7VAL0
Value bit for byte 0. The value of this bit is written to any bits in the CMD7 register that correspond
to bits in the CMD7[6:0] bit map field that are set to 1.
6-4
RES
Reserved locations. Written as zeros and read as undefined.
3PMAT_MODE
Pattern Match Mode. Writing a 1 to this bit will enable Pattern Match Mode and should only be done
after the Pattern Match RAM has been programmed.
Pattern Match Mode is enabled when either this bit or BCR45, bit 7 is set.
2
MPPEN_SW
Magic Packet Pin Enable. When either this bit or the MPPEN_EE bit in CMD3 is set, the device
enters the Magic Packet mode when the PG input goes LOW. This bit has the same function as
MPPEN_EE except that H_RESET clears MPPEN_EE to 0, while H_RESET has no effect on
MPPEN_SW.
1
MPEN_SW
Magic Packet Software Mode Enable. The Am79C976 controller enters the Magic Packet mode
when this bit is set to 1. This bit has the same function as MPEN_EE except that H_RESET clears
MPEN_EE to 0, while H_RESET has no effect on MPEN_SW.
0
LCMODE_SW
Link Change Wake-up Mode. When either this bit or the LCMODE_EE bit in CMD3 is set to 1, the
LCDET bit gets set when the MII auto polling logic detects a Link Change. This bit has the same
function as LCMODE_EE except that H_RESET clears LCMODE_EE to 0, while H_RESET has
no effect on LCMODE_SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com