Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C976KCW Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # AM79C976KCW
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976KCW Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AM79C976KCW Datasheet HTML 135Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 136Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 137Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 138Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 139Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 140Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 141Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 142Page - Advanced Micro Devices AM79C976KCW Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 309 page
background image
8/01/00
Am79C976
139
P R E L I M INARY
CTRL0: Control0 Register
Offset 068h
This register contains several miscellaneous control
bits. Each byte of this register controls a single func-
tion. It is not necessary to do a read-modify-write oper-
ation to change a function’s settings if only a single byte
of the register is written.
All bits in this register are set to their default values by
H_RESET. All bits are also set to their default values
before EEPROM data are loaded or after an EEPROM
read failure.
The default value for all bits except for bits 11:8
(ROMTMG) is 0. The default value for the ROMTMG
field is 1001b.
Table 46. CTRL0: Control0 Register
Bit
Name
Description
31-25
RES
Reserved locations. Written as zeros and read as undefined.
24
BSWP
Byte Swap. This bit is used to choose between big and little Endian modes of operation. When
BSWP is set to a 1, big Endian mode is selected. When BSWP is set to 0, little Endian mode is
selected.
When big Endian mode is selected, the Am79C976 controller will swap the order of bytes on the
AD bus during a data phase on accesses to the FIFOs only. Specifically, AD[31:24] becomes Byte
0, AD[23:16] becomes Byte 1, AD[15:8] becomes Byte 2, and AD[7:0] becomes Byte 3 when big
Endian mode is selected. When little Endian mode is selected, the order of bytes on the AD bus
during a data phase is: AD[31:24] is Byte 3, AD[23:16] is Byte 2, AD[15:8] is Byte 1, and AD[7:0]
is Byte 0.
Byte swap only affects data transfers that involve the FIFOs. Initialization block transfers are not
affected by the setting of the BSWP bit. Descriptor transfers are not affected by the setting of the
BSWP bit. RDP, RAP, BDP and PCI configuration space accesses are not affected by the setting
of the BSWP bit. Address PROM transfers are not affected by the setting of the BSWP bit.
Expansion ROM accesses are not affected by the setting of the BSWP bit.
Note that the byte ordering of the PCI bus is defined to be little Endian. BSWP should not be set
to 1 when the Am79C976 controller is used in a PCI bus application.
This bit is an alias of CSR3, bit 2.
23:18
RES
Reserved locations. Written as zeros and read as undefined.
17-16
SRAM_TYPE
SSRAM Type. This field must be set up to indicate the type of external SSRAM that is connected
to the external memory interface.
15-12
RES
Reserved locations. Written as zeros and read as undefined.
SRAM_TYPE[1:0]
External Memory Type
00
Reserved
01
ZBT
10
Reserved
11
Pipelined Burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com