Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975VCW Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 39Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 40Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 41Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 42Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 43Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 44Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 45Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 46Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 304 page
background image
Am79C973/Am79C975
43
P R E L I M INARY
Expansion ROM Transfers
The host must initialize the Expansion ROM Base Ad-
dress register at offset 30H in the PCI configuration
space with a valid address before enabling the access
to the device. The Am79C973/Am79C975 controllers
will not react to any access to the Expansion ROM until
both MEMEN (PCI Command register, bit 1) and
ROMEN (PCI Expansion ROM Base Address register,
bit 0) are set to 1. After the Expansion ROM is enabled,
the Am79C973/Am79C975 controllers will assert
DEVSEL on all memory read accesses with an address
between ROMBASE and ROMBASE + 1M - 4. The
Am79C973/Am79C975 controller aliases all accesses
to the Expansion ROM of the command types Memory
Read Multiple and Memory Read Line to the basic
Memory Read command. Eight-bit, 16-bit, and 32-bit
read transfers are supported.
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given
the PCI Memory Mapped I/O Base Address register
before enabling access to the Expansion ROM. The
host must set the PCI Memory Mapped I/O Base
Address r egister to a value that prevents the
Am79C973/Am79C975 controllers from claiming any
memory cycles not intended for it.
The Am79C973/Am79C975 controllers will always
read four bytes for every host Expansion ROM read ac-
cess. TRDY will not be asserted until all four bytes are
loaded into an internal scratch register. The cycle
TRDY is asserted depends on the programming of the
Expansion ROM interface timing. The following figure
(Figure 5) assumes that ROMTMG (BCR18, bits 15-
12) is at its default value.
Note: The Expansion ROM should be read only during
PCI configuration time for the PCI system.
When the host tries to write to the Expansion ROM, the
Am79C973/Am79C975 controllers will claim the cycle
by asserting DEVSEL. TRDY will be asserted one clock
cycle later. The write operation will have no effect.
Writes to the Expansion ROM are done through the
BCR30 Expansion Bus Data Port. See the section on
the Expansion Bus Interface for more details. See Fig-
ure 5.
Figure 5. Expansion ROM Read
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
PAR
ADDR
CMD
PAR
1
2345
48
49
50
51
DATA
PAR
BE
DEVSEL
is sampled
21510D-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com