Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAS152 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RAS152
Description  AUTOMOTIVE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RAS152 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RAS152 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
MECHANICAL DATA
Case: transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant.
Polarity: Color ring denotes cathode end.
Lead: Plated slug, solderable per MIL - STD - 202E
method 208C
Mounting position: Any
Weight: 0.064 ounce, 1.82gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
RAS
RAS
RAS
RAS
RAS
RAS
RAS







Maximum Repetitive Peak Reverse Voltage
VRRM






 Volts
Maximum RMS Voltage
VRMS






 Volts
Maximum DC Blocking Voltage
VDC






 Volts
Maximum Average Forward Rectified Current,
at TC = 125

Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Maximum Instantaneous Forward Voltage at 15 A
VF
Volts
Maximum DC Reverse Current at rated
TA = 25

DC blocking voltage
TC 
Typical Thermal Resistance
R
/W
Operating and Storage Temperature Range
TJ, TSTG

Polarity and voltage denotion color band
Red
Yellow Sliver Orange Green Blue Violet
NOTES:
1.Enough heatsink must be considered in application.

AUTOMOTIVE RECTIFIER
SYMBOLS
IR
I(AV)
IFSM
Amps
(-65 to+175)

UNIT



Amps
A

RAS1505-1510
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RAS152

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RAS HAMMOND-RAS Datasheet
69Kb / 2P
Tablette en porte-a-faux pour montage sur deux montants
RAS HAMMOND-RAS Datasheet
241Kb / 2P
Universal Rack Shelf
logo
APEM Components, Inc.
RAS + 1D/1K/1P/1S MULTIMEC-RAS + 1D/1K/1P/1S Datasheet
314Kb / 10P
basic switch modules
logo
AG Electronica
RAS-0212 AGELECTRONICA-RAS-0212 Datasheet
621Kb / 5P
HAT DE 4 RELEVADORES PARA RASPBERRY PI
21/03/2024
logo
SUN HOLD ELECTRIC INC
RAS-03-10- SUNHOLD-RAS-03-10- Datasheet
956Kb / 2P
RAS SERIES
More results

Similar Description - RAS152

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Galaxy Semi-Conductor H...
ARS2505 BILIN-ARS2505 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
AUTOMOTIVE RECTIFIER
RAL3505 WINNERJOIN-RAL3505 Datasheet
107Kb / 2P
AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
AUTOMOTIVE RECTIFIER
RA1505 WINNERJOIN-RA1505 Datasheet
149Kb / 2P
AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GBA30LP GOOD-ARK-GBA30LP Datasheet
391Kb / 7P
AUTOMOTIVE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com