Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800BB170ECB Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29SL800BB170ECB
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800BB170ECB Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29SL800BB170ECB Datasheet HTML 32Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 33Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 34Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 35Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 36Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 37Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 38Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 39Page - Advanced Micro Devices AM29SL800BB170ECB Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
36
Am29SL800B
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTICS
Alternate CE# Controlled Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
170
200
JEDEC
Std
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
170
200
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
80
80
ns
tDVEH
tDS
Data Setup Time
Min
70
70
ns
tEHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tEHWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
70
70
ns
tEHEL
tCPH
CE# Pulse Width High
Min
60
ns
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Byte
Typ
10
µs
Word
Typ
12
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
2
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com