Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C985JC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C985JC
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 8Page - Advanced Micro Devices AM79C985JC Datasheet HTML 9Page - Advanced Micro Devices AM79C985JC Datasheet HTML 10Page - Advanced Micro Devices AM79C985JC Datasheet HTML 11Page - Advanced Micro Devices AM79C985JC Datasheet HTML 12Page - Advanced Micro Devices AM79C985JC Datasheet HTML 13Page - Advanced Micro Devices AM79C985JC Datasheet HTML 14Page - Advanced Micro Devices AM79C985JC Datasheet HTML 15Page - Advanced Micro Devices AM79C985JC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
Am79C985
PRELIMINARY
PIN DESCRIPTION
AUI Port
DI+, DI–
Data In
Differential Input
DI
± are differential, Manchester receiver pins. The
signals comply with IEEE 802.3, Section 7.
DO+, DO–
Data Out
Differential Output
DO
± are differential, Manchester output driver pins.The
signals comply with IEEE 802.3, Section 7.
CI+, CI–
Collision Input
Differential Input/Output
CI
± are differential, Manchester I/O signals. As an input,
CI is a collision-receive indicator. As an output, CI gen-
erates a 10-MHz signal if the eIMR+ device senses a
collision.
Twisted Pair Ports
TXD+0-3, TXD–0-3
Transmit Data
Differential Output
TXD
± are 10BASE-T port differential drivers (4 ports).
RXD+0-3, RXD–0-3
Receive Data
Differential Input
RXD
± are 10BASE-T port differential receive inputs
(4 ports).
Expansion Bus
DAT
Data
Input/Output/3-State
If the SELO and ACK pins are asserted during non-
collision conditions, the eIMR+ device drives NRZ data
onto the DAT line, regenerating the preamble if neces-
sary. During a collision, when JAM is HIGH, DAT is used
to differentiate between single-port (DAT=1) and multi-
port (DAT=0) collisions. DAT is an output when ACK is
asserted and the eIMR+ device’s ports are active; DAT
is an input when ACK is asserted and the ports are
inactive. If ACK is not asserted, DAT is in the high-im-
pedance state. It is recommended that DAT be pulled
up or down via a high value resistor.
JAM
Jam
Input/Output/3-State
The active eIMR+ device drives JAM HIGH, if it detects
a collision condition on one or more of its ports. The
state of the DAT pin is used in conjunction with JAM to
indicate a single port (DAT =1) or multiport (DAT=0) col-
lision. JAM is in the high-impedance state if neither the
SEL nor ACK signal is asserted. It is recommended that
JAM be pulled up or down via a high value resistor.
SELI0-1
Select In
Input, Active LOW
When the expansion bus is configured for Internal Arbi-
tration mode, these signals indicate that another eIMR+
device is active; SELI0 or SELI1 is driven by SELO from
the upstream device. At reset, SELI0 selects between
the Internal Arbitration mode and the IMR+ mode of the
expansion bus; a HIGH selects the Internal Arbitration
mode and a LOW selects the IMR+ mode.
SELO
Select Out
Output, Active LOW
If the expansion bus is configured for Internal Arbitration
mode, an eIMR+ device drives this pin LOW when it is
active or when either of its SELI0-1 pins is LOW. An
active eIMR+ device is defined as having one or more
ports receiving or colliding and/or is still transmitting
data from the internal FIFO, or extending a packet to the
minimum of 96 bit times. When the expansion bus is
configured for IMR+ mode, SELO is active when the
eIMR+ device is active (acquiring the functionality of the
REQ pin on the Am79C981 IMR+ device).
ACK
Acknowledge
Input/Output, Active LOW, Open Drain
This signal is asserted to indicate that an eIMR+ device
is active. It also signals to the other eIMR+ devices the
presence of a valid collision status on the JAM line and
valid data on the DAT line. When the eIMR+ device is
configured for Internal Arbitration mode, ACK is an I/O,
and must be pulled to VDD via a minimum equivalent
resistance of 1 k
Ω.When the eIMR+ device is configured
for IMR+ mode, ACK is an input driven by an external
arbiter.
COL
Collision
Input/Output, Active LOW, Open Drain
When asserted, COL indicates that more than one
eIMR+ device is active. Each eIMR+ device generates
the Collision Jam sequence independently. When the
eIMR+ device is configured for Internal Arbitration
SELI_1
SELI_0
Arbitration
Mode
X
1
Internal
X
0
IMR+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com