Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C984 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C984
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C984 Datasheet HTML 21Page - Advanced Micro Devices AM79C984 Datasheet HTML 22Page - Advanced Micro Devices AM79C984 Datasheet HTML 23Page - Advanced Micro Devices AM79C984 Datasheet HTML 24Page - Advanced Micro Devices AM79C984 Datasheet HTML 25Page - Advanced Micro Devices AM79C984 Datasheet HTML 26Page - Advanced Micro Devices AM79C984 Datasheet HTML 27Page - Advanced Micro Devices AM79C984 Datasheet HTML 28Page - Advanced Micro Devices AM79C984 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
P R E L I M I N A R Y
Am79C984A
25
Disable Automatic Receiver Polarity Reversal (Per TP
Port)
SI Data
0110 00##
SO Data
None
This command disables the Automatic Receiver Polarity
Reversal function for the TP port designated by the two
least-significant bits in the command byte. If this func-
tion is disabled on a TP port receiving with reversed
polarity (due to a wiring error), the TP port will fail the
Link Test due to the incorrect polarity of the received
Link pulses.
The state of Automatic Polarity Reversal function is set
by SI on reset. If SI is HIGH at the rising edge of RST,
the eIMR device disables Automatic Polarity Reversal.
If SI is LOW at the rising edge of RST, the eIMR device
enables Automatic Polarity Reversal.
Enable Automatic Receiver Polarity Reversal (Per TP
Port)
SI Data
0111 00##
SO Data
None
This command enables the Automatic Receiver Polarity
Reversal function for the TP port designated by the two
least-significant bits in the command byte. If enabled in
a TP port, the eIMR chip will automatically invert the
polarity of that port’s receiver circuitry if the TP port is
detected as having reversed polarity (due to wiring er-
ror). After reversing the receiver polarity, the TP port
could then receive subsequent (reverse polarity)
packets correctly.
Disable Receiver Extended Distance Mode (Per TP
Port)
SI Data
0110 10##
SO Data
None
This command disables the Receiver Extended
Distance Mode and restores the RXD circuit of the trans-
ceiver to normal squelch levels for the TP port driver
designated by the two least-significant bits of the com-
mand data.
Enable Receiver Extended Distance Mode (Per TP Port)
SI Data
0111 10##
SO Data
None
This command modifies the RXD circuit of the trans-
ceiver for the TP port driver designated by the two least-
significant bits of the command data. The RXD squelch-
threshold value is lowered to accommodate signal at-
tenuation associated with lines longer than 100 meters.
At reset, Receiver Extended Distance Mode is disabled
and the RXD circuit defaults to normal squelch-thresh-
old values.
Disable Software Override of LEDs
(Per Port - AUI and TP, Global)
SI Data
1001 ####
SO Data
None
This command disables Software Override of the Port
LEDs.
Individual LEDs and combinations of LEDs can be
selected via the lower four bits of the command byte as
follows:
####
Port(s) affected
0000-0011 TP0 - TP3
0100-0111 Reserved
1000
AUI port
1001
Reserved
1010
Reserved
1011
All TP ports
1100
All ports
1101
Global
1110
Reserved
1111
Reserved
Following command execution, the attributes displayed
on the LEDs will be determined by LDC0-2. Software
Override of LEDs is disabled after reset.
Enable Software Override of Bank A LEDs (Per Port -
AUI and TP, Global)
SI Data
1011 ####
SO Data
None
This command forces the LEDs in Bank A to blink. In-
dividual LEDs and combinations of LEDs can be select-
ed via the lower four bits of the command byte as follows:
####
Port(s) affected
0000-0011 TP0 - TP3
0100-0111 Reserved
1000
AUI port
1001
Reserved
1010
Reserved
1011
All TP ports
1100
All ports
1101
Global
1110
Reserved
1111
Reserved
The designated LED driver(s) will switch between LOW
and ‘off’ at the rate set by the Software Override Blink
Rate command. Enable Software Override of Bank A
LEDs references the blink rate last issued and overrides
any other attribute specified by LDC0-2. Software Over-
ride of LEDs is disabled after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com