Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 43Page - Advanced Micro Devices AM8530 Datasheet HTML 44Page - Advanced Micro Devices AM8530 Datasheet HTML 45Page - Advanced Micro Devices AM8530 Datasheet HTML 46Page - Advanced Micro Devices AM8530 Datasheet HTML 47Page - Advanced Micro Devices AM8530 Datasheet HTML 48Page - Advanced Micro Devices AM8530 Datasheet HTML 49Page - Advanced Micro Devices AM8530 Datasheet HTML 50Page - Advanced Micro Devices AM8530 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 194 page
background image
I/O Programming Functional Description
AMD
3–16
D7
D6
D5
D4
D3
D2
D1
DTR/
REQ
Funct.
D0
Wait/
DMA REQ
Funct.
Wait/
DMA REQ
Enable
Wait/
DMA REQ
Rx/Tx
D7
D6
D5
D4
D3
D2
D1
D0
WR14 Register Layout
WR1 Register Layout
Each channel in the SCC has two pins,
DTR/REQ and W/REQ, which may be used to
control the block transfer of data. Both pins in each channel may be programmed to act
as DMA Request signals, and one pin (
W/REQ) in each channel may be programmed to
act as a Wait signal for the CPU. In either mode, it is advisable to select and enable the
mode in two separate accesses of the appropriate register. The first access should select
the mode and the second access should enable the function. This procedure prevents
glitches on the output pins. Reset forces Wait mode, with
W/REQ open-drain.
3.9.1
Wait on Transmit
The Wait function on transmit is selected by programming WR1 as shown below.
10
0?
??
??
D7
D6 D5
D4 D3
D2 D1
D0
WR1—Wait on Transmit Function Selection
In this mode, the
W/REQ pin carries the Wait signal, and is open-drain when inactive and
Low when active. When the processor attempts to write to WR8 (Transmit Buffer) and it is
full, the SCC will assert
W/REQ until the buffer is empty. This allows the use of a block-
move instruction to transfer the transmit data.
W/REQ will go active in response to WR
going active but only if WR8 (Transmit Buffer) is being accessed, either directly or via the
pointers. The
W/REQ pin is released in response to the falling edge of PCLK. Details of
the timing are shown in Figure 3–6.
3.9.2
Wait on Receive
The Wait function on receive is selected by programming WR1 as shown below.
10
1?
??
??
D7
D6 D5
D4 D3
D2 D1
D0
WR1—Wait on Receive Function Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com