Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8530 Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM8530
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530 Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM8530 Datasheet HTML 118Page - Advanced Micro Devices AM8530 Datasheet HTML 119Page - Advanced Micro Devices AM8530 Datasheet HTML 120Page - Advanced Micro Devices AM8530 Datasheet HTML 121Page - Advanced Micro Devices AM8530 Datasheet HTML 122Page - Advanced Micro Devices AM8530 Datasheet HTML 123Page - Advanced Micro Devices AM8530 Datasheet HTML 124Page - Advanced Micro Devices AM8530 Datasheet HTML 125Page - Advanced Micro Devices AM8530 Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 194 page
background image
Register Description
AMD
6–12
D7 D6 D5 D4 D3 D2 D1 D0
00
01
10
11
X1 Clock Mode
X16 Clock Mode
X32 Clock Mode
X64 Clock Mode
Parity Enable
Parity Even/Odd
SYNC Modes Enable
1 Stop Bit/Character
11/2 Stop Bits/Character
2 Stop Bits/Character
00
01
10
11
00
01
10
11
8 Bit SYNC Character
16 Bit SYNC Character
SDLC Mode (01111110 Flag)
External SYNC Mode
Figure 6–5. Write Register 4
Bits 7 and 6: Clock Rate 1 And 0
These bits specify the multiplier between the clock and data rates. In synchronous
modes, the 1X mode is forced internally and these bits are ignored unless External Sync
mode has been selected.
1X Mode (00). The clock rate and data rate are the same. In External Sync mode, this bit
combination specifies that only the
SYNC pin can be used to achieve character synchro-
nization.
16X Mode (01). The clock rate is 16 times the data rate. In External Sync mode, this bit
combination specifies that only the
SYNC pin can be used to achieve character synchro-
nization.
32X Mode (10). The clock rate is 32 times the data rate. In External Sync mode, this bit
combination specifies that either the
SYNC pin or a match with the character stored in
WR7 will signal character synchronization. The sync character can be either six or eight
bits long as specified by the 6-bit/8-bit Sync bit in WR10.
64X Mode (11). The clock rate is 64 times the data rate. With this bit combination in Ex-
ternal Sync mode, both the receiver and transmitter are placed in SDLC mode. The only
variation from normal SDLC operation is that the
SYNC pin is used to start or stop the
reception of a frame by forcing the receiver to act as though a flag had been received.
Bits 5 and 4: SYNC Modes 1 And 0
These two bits select the various options for character synchronization. They are ignored
unless synchronous modes are selected in the stop bits field of this register.
Monosync (00). In this mode, the receiver achieves character synchronization by match-
ing the character stored in WR7 with an identical character in the received data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com