Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q40BVSVIP Datasheet(PDF) 15 Page - Winbond

Part # W25Q40BVSVIP
Description  4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BVSVIP Datasheet(HTML) 15 Page - Winbond

Back Button W25Q40BVSVIP Datasheet HTML 11Page - Winbond W25Q40BVSVIP Datasheet HTML 12Page - Winbond W25Q40BVSVIP Datasheet HTML 13Page - Winbond W25Q40BVSVIP Datasheet HTML 14Page - Winbond W25Q40BVSVIP Datasheet HTML 15Page - Winbond W25Q40BVSVIP Datasheet HTML 16Page - Winbond W25Q40BVSVIP Datasheet HTML 17Page - Winbond W25Q40BVSVIP Datasheet HTML 18Page - Winbond W25Q40BVSVIP Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
W25Q40BV
Publication Release Date: May 04, 2012
- 15 -
Revision C
7.1.12 Status Register Memory Protection (CMP = 1)
STATUS REGISTER(1)
W25Q40BV (4M-BIT) MEMORY PROTECTION(2)
SEC
TB
BP2
BP1
BP0
BLOCK(S)
ADDRESSES
DENSITY
PORTION
X
X
0
0
0
0 thru 7
000000h – 07FFFFh
512KB
ALL
0
0
0
0
1
0 thru 6
000000h – 06FFFFh
448KB
Lower 7/8
0
0
0
1
0
0 thru 5
000000h – 05FFFFh
384KB
Lower 3/4
0
0
0
1
1
0 thru 3
000000h – 03FFFFh
256KB
Lower 1/2
0
1
0
0
1
1 thru 7
010000h – 07FFFFh
448KB
Upper 7/8
0
1
0
1
0
2 thru 7
020000h – 07FFFFh
384KB
Upper 3/4
0
1
0
1
1
4 thru 7
040000h – 07FFFFh
256KB
Upper 1/2
1
0
0
0
1
0 thru 7
000000h – 07EFFFh
508KB
Lower 127/128
1
0
0
1
0
0 thru 7
000000h – 07DFFFh
504KB
Lower 63/64
1
0
0
1
1
0 thru 7
000000h – 07BFFFh
496KB
Lower 31/32
1
0
1
0
X
0 thru 7
000000h – 077FFFh
480KB
Lower 15/16
1
0
1
1
0
0 thru 7
000000h – 077FFFh
480KB
Lower 15/16
1
1
0
0
1
0 thru 7
001000h – 07FFFFh
508KB
Upper 127/128
1
1
0
1
0
0 thru 7
002000h – 07FFFFh
504KB
Upper 63/64
1
1
0
1
1
0 thru 7
004000h – 07FFFFh
496KB
Upper 31/32
1
1
1
0
X
0 thru 7
008000h – 07FFFFh
480KB
Upper 15/16
1
1
1
1
0
0 thru 7
008000h – 07FFFFh
480KB
Upper 15/16
X
X
1
1
1
NONE
NONE
NONE
NONE
Notes:
1. X = don’t care
2. If any Erase or Program command specifies a memory region that contains protected data portion, this
command will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com