| Electronic Components Datasheet Search |
|
ERJS0801002U Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ERJS0801002U Datasheet(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 3 page ![]() Anti-Sulfurated Thick Film Chip Resistors Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. a b t W L (1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV= √Power Rating × Resistance Values, or Limiting Element Voltage listed above, whichever less. (2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 × Power Rating or max. Overload Voltage listed above whichever less. ■ Ratings Type (inch size) PowerRating at 70 °C (W) Limiting Element Voltage (1) (V) Maximum Overload Voltage (2) (V) Resistance Tolerance (%) Resistance Range ( Ω) T.C.R. ( ×10-6/°C ) Category Temperature Range (°C) ERJU01 (0201) 0.05 25 50 ±1 10 to 1 M (E24, E96) <10 Ω: –100 to +600 10 Ω to 1 MΩ: ±200(±5%) ±100(±1%)✽ ✽ERJU01, ERJS02, ERJU02 : ±200 1 M Ω<: –400 to +150 -55 to +125 ±5 1 to 1 M (E24) ERJS02 ERJU02 (0402) 0.1 50 100 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 3.3 M (E24) ERJS03 ERJU03 (0603) 0.1 75 150 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) ERJS06 ERJU06 (0805) 0.125 150 200 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) ERJS08 ERJU08 (1206) 0.25 200 400 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) ERJS14 ERJU14 (1210) 0.5 200 400 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) ERJS12 ERJU12 (1812) 0.75 200 500 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) ERJS1D ERJU1D (2010) 0.75 200 500 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) ERJS1T ERJU1T (2512) 1.0 200 500 ±1 10 to 1 M (E24, E96) -55 to +155 ±5 1 to 10 M (E24) Thick film resistive element Electrode (Inner) Au-based : ERJS type Ag-Pd-based: ERJU type ERJS6 type Electrode (Outer) Electrode (Between) Alumina substrate Protective coating ■ Construction ■ Dimensions in mm (not to scale) Type (inch size) Dimensions (mm) Mass (Weight) [g/1000 pcs.] LWa b t ERJU01 (0201) 0.60 ±0.03 0.30 ±0.03 0.10 ±0.05 0.15 ±0.05 0.23 ±0.03 0.15 ERJS02 (0402) ERJU02 1.00 ±0.05 0.50 ±0.05 0.20 ±0.10 0.25 ±0.10 0.35 ±0.05 0.8 ERJS03 (0603) ERJU03 1.60 ±0.15 0.80 +0.15 0.30 ±0.20 0.30 ±0.15 0.45 ±0.10 2 ERJS06 (0805) ERJU06 2.00 ±0.20 1.25 ±0.10 0.40 ±0.20 0.40 ±0.20 0.60 ±0.10 4 ERJS6 □ (0805) 2.00±0.20 1.25±0.10 0.45±0.20 0.45±0.20 0.55±0.10 6 ERJS08 (1206) ERJU08 3.20 +0.05 1.60 +0.05 0.50 ±0.20 0.50 ±0.20 0.60 ±0.10 10 ERJS14 (1210) ERJU14 3.20 ±0.20 2.50 ±0.20 0.50 ±0.20 0.50 ±0.20 0.60 ±0.10 16 ERJS12 (1812) ERJU12 4.50 ±0.20 3.20 ±0.20 0.50 ±0.20 0.50 ±0.20 0.60 ±0.10 27 ERJS1D (2010) ERJU1D 5.00 ±0.20 2.50 ±0.20 0.60 ±0.20 0.60 ±0.20 0.60 ±0.10 27 ERJS1T (2512) ERJU1T 6.40 ±0.20 3.20 ±0.20 0.65 ±0.20 0.60 ±0.20 0.60 ±0.10 45 –0.05 –0.15 –0.20 <Low Resistance type> Type (inch size) PowerRating at 70 °C (W) Resistance Tolerance (%) Resistance Range ( Ω) T. C.R. ( ×10-6/°C ) Category Temperature Range (°C) ERJS6S (0805) 0.25 ±1, ±2, ±5 0.1 to 0.2 (E24) ±150 -55 to +155 ERJS6Q (0805) 0.22 to 1 (E24) Aug. 2012 04 25 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |