Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC3526
Description  500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3526 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC3526 Datasheet HTML 1Page - Linear Integrated Systems LTC3526 Datasheet HTML 2Page - Linear Integrated Systems LTC3526 Datasheet HTML 3Page - Linear Integrated Systems LTC3526 Datasheet HTML 4Page - Linear Integrated Systems LTC3526 Datasheet HTML 5Page - Linear Integrated Systems LTC3526 Datasheet HTML 6Page - Linear Integrated Systems LTC3526 Datasheet HTML 7Page - Linear Integrated Systems LTC3526 Datasheet HTML 8Page - Linear Integrated Systems LTC3526 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3526/LTC3526B

3526bfd
VIN Voltage................................................... –0.3V to 6V
SW Voltage
DC............................................................ –0.3V to 6V
Pulsed <100ns......................................... –0.3V to 7V
SHDN, FB Voltage ........................................ –0.3V to 6V
VOUT............................................................. –0.3V to 6V
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
The l denotes the specifications which apply over the specified operating
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Input Voltage
ILOAD = 1mA
0.85
1
V
Output Voltage Adjust Range
0°C to 85°C
l
1.7
1.6
5.25
5.25
V
V
Feedback Pin Voltage
l
1.165
1.195
1.225
V
Feedback Pin Input Current
VFB = 1.30V
1
50
nA
Quiescent Current—Shutdown
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
µA
Quiescent Current—Active
Measured on VOUT, Nonswitching, LTC3526 Only
250
500
µA
Quiescent Current—Burst
Measured on VOUT, FB > 1.230V
9
18
µA
N-Channel MOSFET Switch Leakage Current
VSW = 5V
0.1
5
µA
P-Channel MOSFET Switch Leakage Current
VSW = 5V, VOUT = 0V
0.1
10
µA
N-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.4
Ω
P-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.6
Ω
N-Channel MOSFET Current Limit
l
500
700
mA
Current Limit Delay to Output
(Note 3)
60
ns
Maximum Duty Cycle
VFB = 1.15V
l
85
90
%
Minimum Duty Cycle
VFB = 1.3V
l
0
%
Switching Frequency
l
0.7
1
1.3
MHz
SHDN Pin Input High Voltage
0.9
V
SHDN Pin Input Low Voltage
0.3
V
SHDN Pin Input Current
VSHDN = 1.2V
VSHDN = 3.3V
0.3
1
1
2
µA
µA
TOP VIEW
VOUT
FB
SHDN
SW
GND
VIN
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
7
1
2
3
6
5
4
TJMAX = 125°C, θJA = 102°C/W (NOTE 6)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PC BOARD
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3526EDC#PBF
LTC3526EDC#TRPBF
LCHW
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC3526BEDC#PBF
LTC3526BEDC#TRPBF
LCNN
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
absoluTe maximum raTings
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com