Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040-120PIB Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM29F040-120PIB
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120PIB Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM29F040-120PIB Datasheet HTML 25Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 26Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 27Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 28Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 29Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 30Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 31Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 32Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 33Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
30
Am29F040
PHYSICAL DIMENSIONS
PD 032
32-Pin Plastic DIP (measured in inches)
PL 032
32-Pin Plastic Leaded Chip Carrier (measured in inches)
Pin 1 I.D.
1.640
1.680
.530
.580
.005 MIN
.045
.065
.090
.110
.140
.225
.120
.160
.014
.022
SEATING PLANE
.015
.060
16-038-SB_AG
PD 032
DG75
2-28-95 ae
32
17
16
.630
.700
0°
10°
.600
.625
.008
.015
.050 REF.
.026
.032
TOP VIEW
Pin 1 I.D.
.485
.495
.447
.453
.585
.595
.547
.553
16-038FPO-5
PL 032
DA79
6-28-94 ae
SIDE VIEW
SEATING
PLANE
.125
.140
.009
.015
.080
.095
.042
.056
.013
.021
.400
REF.
.490
.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com