Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800CT100FCB Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29SL800CT100FCB
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800CT100FCB Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29SL800CT100FCB Datasheet HTML 23Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 24Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 25Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 26Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 27Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 28Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 29Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 30Page - Advanced Micro Devices AM29SL800CT100FCB Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Am29SL800C
27
PR EL I M I NAR Y
AC CHARACTERISTICS
Read Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 7 for test specifications.
Parameter
Description
Speed Option
JEDEC
Std
Test Setup
100
120
150
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
100
120
150
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
100
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
100
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
35
50
65
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
50
60
60
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
50
60
60
ns
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
30
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tDF
tOH
22230A-17
Figure 13.
Read Operations Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com