Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5522IPAP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5522IPAP Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 22Page - Texas Instruments ADS5522IPAP Datasheet HTML 23Page - Texas Instruments ADS5522IPAP Datasheet HTML 24Page - Texas Instruments ADS5522IPAP Datasheet HTML 25Page - Texas Instruments ADS5522IPAP Datasheet HTML 26Page - Texas Instruments ADS5522IPAP Datasheet HTML 27Page - Texas Instruments ADS5522IPAP Datasheet HTML 28Page - Texas Instruments ADS5522IPAP Datasheet HTML 29Page - Texas Instruments ADS5522IPAP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
www.ti.com
OUTPUT INFORMATION
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
The output circuitry of the ADS5522, by design,
minimizes the noise produced by the data switching
The ADC provides 12 data outputs (D11 to D0, with
transients, and, in particular, its coupling to the ADC
D11 being the MSB and D0 the LSB), a data-ready
analog circuitry. Output D2 (pin 51) senses the load
signal (CLKOUT, pin 43), and an out-of-range
capacitance and adjusts the drive capability of all the
indicator (OVR, pin 64) that equals 1 when the
output pins of the ADC to maintain the same output
output reaches the full-scale limits.
slew rate described in the timing diagram of Figure 1.
Care should be taken to ensure that all output lines
Two different output formats (straight offset binary or
(including CLKOUT) have nearly the same load as
two's complement) and two different output clock
D2 (pin 51). This circuit also reduces the sensitivity
polarities (latching output data on rising or falling
of the output timing versus supply voltage or
edge of the output clock) can be selected by setting
temperature. Placing external resistors in series with
DFS (pin 40) to one of four different voltages.
the outputs is not recommended.
Table 3 details the four modes. In addition, output
enable control (OE, pin 41, active high) is provided to
The timing characteristics of the digital outputs
put the outputs into a high-impedance state.
change for sampling rates below the 80 MSPS
maximum sampling frequency. Table 5 and Table 6
In the event of an input voltage overdrive, the digital
show the values of various timing parameters at
outputs go to the appropriate full-scale level. For a
lower sampling frequencies.
positive overdrive, the output code is 0xFFF in
straight offset binary output format and 0x7FF in
To use the input clock as the data capture clock, it is
two's complement output format. For a negative input
necessary to delay the input clock by a delay, td, that
overdrive, the output code is 0x000 in straight offset
results in the desired setup or hold time. Use either
binary output format and 0x800 in two's complement
of the following equations to calculate the value of td.
output format. These outputs to an overdrive signal
Desired setup time = td – tSTART
are ensured through design and characterization.
Desired hold time = tEND – td
Table 5. Timing Characteristics at Additional Sampling Frequencies
tsu (ns)
th (ns)
tSTART (ns)
tEND (ns)
tr (ns)
tf (ns)
fS
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
4.7
6.0
2.1
3.1
2.4
4.2
8.3
12.0
6.6
7.2
5.5
6.4
40
8.5
11
2.8
3.5
-1
1.5
8.9
14.5
7.5
8
7.3
7.8
20
17
25.7
2.5
4.7
-9.8
2
9.5
21.6
7.5
8
7.6
8
10
27
51
4
6.5
-30
-3
11.5
31
2
284
370
8
19
185
320
515
576
50
82
75
150
Table 6. Timing Characteristics at Additional Sampling Frequencies
CLKOUT, Rise Time
CLKOUT, Fall Time
CLKOUT Jitter, Peak-to-Peak
Input-to-Output Clock Delay
fS
tr (ns)
tf (ns)
tJIT (ps)
tPDI (ns)
(MSPS)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65
3.1
3.5
2.6
2.9
260
380
7.8
8.5
9.4
40
4.8
5.3
4
4.4
445
650
9.5
10.4
11.4
20
8.3
9.5
7.6
8.2
800
1200
13
15.5
18
10
16
20.7
25.5
2
31
52
36
65
2610
4400
537
551
567
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com