Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F400AT-120SCB Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29F400AT-120SCB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT-120SCB Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F400AT-120SCB Datasheet HTML 27Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 28Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 29Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 30Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 31Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 32Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 33Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 34Page - Advanced Micro Devices AM29F400AT-120SCB Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
34
Am29F400AT/Am29F400AB
PRELIMINARY
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 5.0 V, one pin at a time.
TSOP PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
SO PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Min
Max
Input Voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
10
pF
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VPP = 0
8
10
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com