Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7D101K Datasheet(PDF) 34 Page - World Produts Inc.

Part # 7D101K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D101K Datasheet(HTML) 34 Page - World Produts Inc.

Back Button 7D101K Datasheet HTML 30Page - World Produts Inc. 7D101K Datasheet HTML 31Page - World Produts Inc. 7D101K Datasheet HTML 32Page - World Produts Inc. 7D101K Datasheet HTML 33Page - World Produts Inc. 7D101K Datasheet HTML 34Page - World Produts Inc. 7D101K Datasheet HTML 35Page - World Produts Inc. 7D101K Datasheet HTML 36Page - World Produts Inc. 7D101K Datasheet HTML 37Page - World Produts Inc. 7D101K Datasheet HTML 38Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
32 | Metal Oxide Varistors
VZ34 Single Series — Electrical Characteristics
Part
Number
Continuous
Rated
Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
KAmps
1 time
Min
Volts
Max
Volts
Volts
Amps
pF
VZ34R201
130
175
310
40
185
225
340
300
10000
VZ34R221
140
180
330
40
198
242
360
300
9000
VZ34R241
150
200
360
40
216
264
395
300
8000
VZ34R271
180
230
390
40
255
311
455
300
7100
VZ34R301
195
250
405
40
270
330
505
300
6000
VZ34R331
210
275
430
40
297
363
540
300
4800
VZ34R361
230
300
460
40
324
396
595
300
5600
VZ34R391
250
330
490
40
351
429
650
300
5000
VZ34R431
275
370
550
40
387
473
710
300
4500
VZ34R471
300
385
600
40
423
517
775
300
4000
VZ34R511
320
420
640
40
459
561
840
300
3800
VZ34R561
360
470
710
40
522
638
910
300
3700
VZ34R621
390
505
800
40
558
682
1025
300
3300
VZ34R681
420
560
910
40
612
748
1120
300
3000
VZ34R751
460
615
920
40
675
825
1240
300
2600
VZ34R781
485
640
930
40
702
858
1290
300
2700
VZ34R821
510
675
940
40
738
902
1355
300
2500
VZ34R911
550
745
960
40
819
1001
1500
300
1800
VZ34R951
575
765
1000
40
855
1045
1570
300
1700
VZ34R102
625
825
1055
40
900
1100
1650
300
1600
VZ34R112
680
895
1155
40
957 .6
1170 .4
1815
300
1500
VZ34R122
750
970
1250
40
1062
1300
1980
300
1300
- Part Number Suffix Code
(ie: VZ34R201K)
• K - Straight Lead
• KA - Tab Leads Outward Crimp
• KL - Straight Lead - Left Side Lead Orientation
• KQ - 90° Bend Lead
• KR - Uncoated Disk - Without Leads
• KF - Uncoated Disk - With Leads
• KN - Uncoated Disk - With one Lead only, Right side orientation
• KNL - Uncoated Disk - With one Lead only, Left side orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com