Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ILA02
Description  Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ILA02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ILA02 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 2Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILA02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPE-12-8-080/B/RC
Page 4 of 11
4. ANTENNA PARAMETERS
4.1. Return Loss
Figure 2. Return loss of 868 MHz ISM Band Antenna ILA.02
4.2. VSWR
Figure 3. VSWR of 868 MHz ISM Band Antenna ILA.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com