Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040-120FIB Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29F040-120FIB
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120FIB Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29F040-120FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 19Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 20Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Am29F040
17
Note:
DQ6 is rechecked even if DQ5 = “1” because DQ6 may stop toggling at the same time as DQ5 changing to “1”.
Figure 5.
Toggle Bit Algorithm
Figure 6.
Maximum Negative Overshoot Waveform
Figure 7.
Maximum Positive Overshoot Waveform
Start
Fail
Yes
DQ6 = Data
?
Yes
Pass
No
No
Yes
DQ6 = Data
?
DQ5 = 1
?
No
Read Byte
(DQ0–DQ7)
Addr = VA
Read Byte
(DQ0–DQ7)
Addr = VA
VA = Byte address for programming
= Any of the sector addresses within the
sector being erased during sector erase
operation
= XXXXH during chip erase
17113E-10
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
17113E-11
20 ns
VCC + 0.5 V
2.0 V
20 ns
20 ns
VCC + 2.0 V
17113E-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com