Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X05CL Datasheet(PDF) 4 Page - Winbond

Part # W25X05CL
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CL Datasheet(HTML) 4 Page - Winbond

  W25X05CL Datasheet HTML 1Page - Winbond W25X05CL Datasheet HTML 2Page - Winbond W25X05CL Datasheet HTML 3Page - Winbond W25X05CL Datasheet HTML 4Page - Winbond W25X05CL Datasheet HTML 5Page - Winbond W25X05CL Datasheet HTML 6Page - Winbond W25X05CL Datasheet HTML 7Page - Winbond W25X05CL Datasheet HTML 8Page - Winbond W25X05CL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 4 -
Revision B
1.
GENERAL DESCRIPTION
The W25X05CL (512K-bit), W25X10CL (1M-bit) and W25X20CL (2M-bit) Serial Flash memories
provide a storage solution for systems with limited space, pins and power. The 25X series offers
flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code
download applications as well as storing voice, text and data. The devices operate on a single 2.3V
to 3.6V power supply with current consumption as low as 1mA active and 1µA for power-down. All
devices are offered in space-saving packages.
The W25X05CL/10CL/20CL arrays are organized into 256/512/1,024 programmable pages of 256-
bytes each. Up to 256 bytes can be programmed at a time. The W25X05CL/10CL/20CL have
16/32/64 erasable sectors, 2/4/8 erasable 32KB blocks and 1/2/4 erasable 64KB blocks respectively.
The small 4KB sectors allow for greater flexibility in applications that require data and parameter
storage. (See figure 2.)
The W25X05CL/10CL/20CL support the standard Serial Peripheral Interface (SPI), and a high
performance dual output as well as Dual I/O SPI: Serial Clock, Chip Select, Serial Data DIO (I/O0),
DO (I/O1). SPI clock frequencies up to 104MHz are supported allowing equivalent clock rates of
208MHz when using the Fast Read Dual Output instruction. These transfer rates are comparable to
those of 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for efficient
memory access with as few as 16-clocks of instruction-overhead to read a 24-bit address, allowing
true XIP (execute in place) operation.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control
features, provide further control flexibility. Additionally, the device supports JEDEC standard
manufacturer and device identification with a 64-bit Unique Serial Number.
2.
FEATURES
 Family of Serial Flash Memories
– W25X05CL: 512K-bit/64K-byte (65,536)
– W25X10CL: 1M-bit/128K-byte (131,072)
– W25X20CL: 2M-bit/256K-byte (262,144)
– 256-bytes per programmable page
– Uniform erasable 4KB, 32KB & 64KB regions.
 SPI with Single / Dual Outputs / I/O
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
 Data Transfer up to 208M-bits / second
– Clock operation to 104MHz
– 208MHz equivalent Dual I/O SPI
– Auto-increment Read capability
 Efficient “Continuous Read Mode”
– Low Instruction overhead
– Continuous Read
– As few as 16 clocks to address memory
– Allows true XIP (execute in place) operation
 Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
 Flexible Architecture with 4KB sectors
– Uniform Sector/Block Erase (4/32/64-kbytes)
– Page program up to 256 bytes <1ms
– More than 100,000 erase/write cycles
– More than 20-year data retention
 Low Power, Wide Temperature Range
– Single 2.3V to 3.6V supply
– 1mA active current, <1µA Power-down(typ.)
– -40° to +85°C operating range
 Space Efficient Packaging
– 8-pin SOIC / VSOP 150-mil
– 8-pin TSSOP 173-mil
– 8-pad WSON 6x5-mm
– 8-pad USON 2x3-mm
– Contact Winbond for KGD and other options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com