Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800CT100FIB Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29SL800CT100FIB
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800CT100FIB Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29SL800CT100FIB Datasheet HTML 25Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 26Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 27Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 28Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 29Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 30Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 31Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 32Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Am29SL800C
29
PR EL I M I NAR Y
AC CHARACTERISTICS
Word/Byte Configuration (BYTE#)
Parameter
Description
100
120
150
JEDEC
Std
Unit
tELFL/tELFH
CE# to BYTE# Switching Low or High
Max
10
ns
tFLQZ
BYTE# Switching Low to Output HIGH Z
Max
50
60
60
ns
tFHQV
BYTE# Switching High to Output Active
Min
100
120
150
ns
DQ15
Output
Data Output
(DQ0–DQ7)
CE#
OE#
BYTE#
tELFL
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFLQZ
BYTE#
Switching
from word
to byte
mode
DQ15
Output
Data Output
(DQ0–DQ7)
BYTE#
tELFH
DQ0–DQ14
Data Output
(DQ0–DQ14)
DQ15/A-1
Address
Input
tFHQV
BYTE#
Switching
from byte
to word
mode
22230A-19
Figure 15.
BYTE# Timings for Read Operations
Note: Refer to the Erase/Program Operations table for tAS and tAH specifications.
22230A-20
Figure 16.
BYTE# Timings for Write Operations
CE#
WE#
BYTE#
The falling edge of the last WE# signal
tHOLD (tAH)
tSET
(tAS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com