| Electronic Components Datasheet Search |
|
AME1084BCCS Datasheet(PDF) 13 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AME1084BCCS Datasheet(HTML) 13 Page - Analog Microelectronics |
|
13 / 16 page ![]() Analog Microelectronics, Inc. 13 AME1084 5A Low Dropout Positive Voltage Regulator n n n n n Package Dimension TO-220 TO-263-3 MIN MAX MIN MAX A 4.06 4.83 0.160 0.190 b 0.63 1.02 0.025 0.040 C1 0.35 0.60 0.0138 0.0236 D 14.22 14.99 0.056 0.590 E 9.66 10.54 0.385 0.415 e - 2.79 - 0.110 e1 4.83 5.33 0.190 0.210 e3 1.14 1.40 0.045 0.055 f 1.14 1.40 0.045 0.055 H1 5.94 6.55 0.234 0.258 K 2.29 2.92 0.090 0.115 CP 3.71 3.96 0.146 0.156 Q 2.62 2.87 0.103 0.113 L 12.70 14.27 0.500 0.5618 a 3D7D 3D7D b1 1.14 1.52 0.0449 0.06 R Notes : 1. Dimension C1 apply for tin plate finish. 2. For solder dip lead finish dimension C1 should be 0.015"-0.027" (0.38-0.69) 6.17 REF. 0.243 REF. SYMBOLS MILLIMETERS INCHES MIN M AX MIN M AX A 9.65 10.41 0.380 0.410 B 8.28 9.65 0.326 0.380 C 4.06 4.83 0.160 0.190 D 0.51 1.02 0.020 0.040 E 1.14 1.40 0.045 0.055 G H 14.61 15.88 0.575 0.625 K 1.02 1.68 0.040 0.066 L 0.00 0.97 0.000 0.038 M 2.49 2.74 0.098 0.108 N 0.43 0.58 0.017 0.023 P 2.29 2.79 0.090 0.110 R 0 o 8 ? 0 o 8 ? S 2.41 2.67 0.095 0.105 W 0.254 0.508 0.010 0.020 * : Typical value N OTES : 1. CON TR OLLIN G D IM EN SION : M ILLIM ETER S. 2M AXIM UM LEAD THICKN ESS IN CLUD ES LEAD FIN ISH THICKN ESS MIN IMUM LEAD THICKN ESS IS THE MIN IMUM THICKN ESS OF B ASE M ATER IA. * 2.54 * 0.100 SYM B OLS M ILLIM ETER S IN CHES |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |