Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS328DQ Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS328DQ
Description  High-performance ultra low-power 3-axis accelerometer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS328DQ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS328DQ Datasheet HTML 9Page - STMicroelectronics AIS328DQ Datasheet HTML 10Page - STMicroelectronics AIS328DQ Datasheet HTML 11Page - STMicroelectronics AIS328DQ Datasheet HTML 12Page - STMicroelectronics AIS328DQ Datasheet HTML 13Page - STMicroelectronics AIS328DQ Datasheet HTML 14Page - STMicroelectronics AIS328DQ Datasheet HTML 15Page - STMicroelectronics AIS328DQ Datasheet HTML 16Page - STMicroelectronics AIS328DQ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
AIS328DQ
Mechanical and electrical specifications
Doc ID 18160 Rev 3
13/43
Figure 4.
I²C slave timing diagram (c)
2.4
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
c.
Measurement points are made at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
SDA
SCL
tf(SDA)
tsu(SP)
tw(SCLL)
tsu(SDA)
tr(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tr(SCL)
tf(SCL)
tw(SP:SR)
START
REPEATED
START
STOP
START
Table 7.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4
V
Vdd_IO
I/O pin supply voltage
-0.3 to 4
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO, SDO/SA0)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 2.5 V)(1)
3000 g for 0.5 ms
10000 g for 0.1 ms
AUNP
Acceleration (any axis, unpowered)(1)
3000 g for 0.5 ms
10000 g for 0.1 ms
TOP
Operating temperature range
-40 to +105
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
4 (HBM)
kV
1.5 (CDM)
kV
200 (MM)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com