Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA24-600CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA24-600CW
Description  25 A standard and Snubberless triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA24-600CW Datasheet(HTML) 1 Page - STMicroelectronics

  BTA24-600CW Datasheet HTML 1Page - STMicroelectronics BTA24-600CW Datasheet HTML 2Page - STMicroelectronics BTA24-600CW Datasheet HTML 3Page - STMicroelectronics BTA24-600CW Datasheet HTML 4Page - STMicroelectronics BTA24-600CW Datasheet HTML 5Page - STMicroelectronics BTA24-600CW Datasheet HTML 6Page - STMicroelectronics BTA24-600CW Datasheet HTML 7Page - STMicroelectronics BTA24-600CW Datasheet HTML 8Page - STMicroelectronics BTA24-600CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2007
Rev 10
1/12
12
BTA24, BTB24, BTA25
BTA26, BTB26, T25
25 A standard and Snubberless™ triacs
Features
■ High current triac
■ Low thermal resistance with clip bonding
■ High commutation (4 quadrant) or very high
commutation (3 quadrant) capability
■ BTA series UL1557 certified (File ref: 81734)
■ Packages are RoHS (2002/95/EC) compliant
Applications
Applications include the ON/OFF function in
applications such as static relays, heating
regulation, induction motor starting circuits, etc.,
or for phase control operation in light dimmers,
motor speed controllers, and silmilar.
The snubberless versions (BTA/BTB...W and T25
series) are especially recommended for use on
inductive loads, due to their high commutation
performances. The BTA series provides an
insulated tab (rated at 2500 VRMS).
Description
Available either in through-hole or surface-mount
packages, the BTA24, BTB24, BTA25, BTA26,
BTB26 and T25 triac series is suitable for general
purpose mains power AC switching.
TM: Snubberless is a trademark of STMicroelectronics
D2PAK
(T25)
RD91
(BTA25)
TOP3 Insulated
(BTA26)
TO-220AB Insulated
(BTA24)
TO-220AB
(BTB24)
G
A2
A1
G
A2
A2
A1
A2
A1
G
G
A2
A1
G
A2
A1
A2
A2
G
A1
TOP3
(BTB26)
G
A2
A1
A2
Table 1.
Device summary
Symbol
Parameter
BTA24(1)
1.
Insulated packages
BTB24
BTA25(1)
BTA26(1)
BTB26
T25
Unit
IT(RMS)
RMS on-state
current
25
25
25
25
25
25
A
VDRM/VRRM
Repetitive peak
off-state voltage
600 / 800 600 / 800 600 / 800 600(2) / 800
2.
600 V version available only with IGT = 50 mA (Snubberless and Standard)
600
600 / 800
V
IGT (Snubberless)
Triggering gate
current
35 / 50
35 / 50
50
35 / 50
-
35
mA
IGT (Standard)
Triggering gate
current
-50
50
50
50
-
mA
www.st.com


Similar Part No. - BTA24-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
logo
Kersemi Electronic Co.,...
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
Inchange Semiconductor ...
BTA24-600CW ISC-BTA24-600CW Datasheet
221Kb / 1P
BTA24-600CW
logo
HAOPIN MICROELECTRONICS...
BTA24-600CW HAOPIN-BTA24-600CW Datasheet
308Kb / 5P
Three quadrant triacs
logo
STMicroelectronics
BTA24-600CWRG STMICROELECTRONICS-BTA24-600CWRG Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results

Similar Description - BTA24-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
BTA24 STMICROELECTRONICS-BTA24_07 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
25 A standard and Snubberless??triacs
05-Jul-2007
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com