Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW99PI Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW99PI
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW99PI Datasheet(HTML) 4 Page - STMicroelectronics

  BYW99PI Datasheet HTML 1Page - STMicroelectronics BYW99PI Datasheet HTML 2Page - STMicroelectronics BYW99PI Datasheet HTML 3Page - STMicroelectronics BYW99PI Datasheet HTML 4Page - STMicroelectronics BYW99PI Datasheet HTML 5Page - STMicroelectronics BYW99PI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
Fig.7
:
Average
current
versus
ambient
temperature.
(
δ = 0.5) (SOT93, TO247)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
Fig.8
:
Average
current
versus
ambient
temperature.
(
δ = 0.5) (TOP3I)
11 0
1 00
100
11 0
120
130
140
150
160
170
180
190
20 0
200
VR(V)
F=1Mhz Tj=25 C
o
C(pF)
Fig.9 : Junction capacitance versus reverse
voltage applied (Typical values).
11 0
1 00
0
5
10
15
20
25
30
35
40
45
50
55
60
QRR(nC)
90%CONFIDENCE
IF=IF(av)
Tj=100
C
O
Tj=25
C
O
dIF/dt(A/us)
Fig.10 : Recovery charges versus dIF/dt.
Tj(
C)
QRR;IRM[Tj]/QRR;IRM[Tj=125 C]
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
IRM
QRR
o
o
Fig.12 : Dynamic parameters versus junction
temperature.
11 0
1 00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
IRM(A)
dIF/dt(A/us)
90%CONFIDENCE
Tj=100
C
O
Tj=25
C
O
IF=IF(av)
Fig.11 : Peak reverse current versus dIF/dt.
BYW99P/PI/W
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com