Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-70JEB Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29F040B-70JEB
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-70JEB Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29F040B-70JEB Datasheet HTML 19Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 20Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 21Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 22Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 23Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 24Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 25Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 26Page - Advanced Micro Devices AM29F040B-70JEB Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Am29F040B
23
P R E L I M I NARY
AC CHARACTERISTICS
WE#
CE#
OE#
High Z
tOE
High Z
DQ7
DQ0–DQ6
Complement
True
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
Status Data
Complement
Status Data
True
Valid Data
Valid Data
tACC
tRC
Note: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data
read cycle .
21445B-16
Figure 11.
Data# Polling Timings (During Embedded Algorithms)
WE#
CE#
OE#
High Z
tOE
DQ6/DQ2
Addresses
VA
tOEH
tCE
tCH
tOH
tDF
VA
VA
tACC
tRC
Valid Data
Valid Status
Valid Status
(first read)
(second read)
(stops toggling)
Valid Status
VA
Note:
VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read cycle,
and array data read cycle.
21445B-17
Figure 12.
Toggle Bit Timings (During Embedded Algorithms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com