Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00161566 Datasheet(PDF) 64 Page - STMicroelectronics

Part # CD00161566
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00161566 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button CD00161566 Datasheet HTML 60Page - STMicroelectronics CD00161566 Datasheet HTML 61Page - STMicroelectronics CD00161566 Datasheet HTML 62Page - STMicroelectronics CD00161566 Datasheet HTML 63Page - STMicroelectronics CD00161566 Datasheet HTML 64Page - STMicroelectronics CD00161566 Datasheet HTML 65Page - STMicroelectronics CD00161566 Datasheet HTML 66Page - STMicroelectronics CD00161566 Datasheet HTML 67Page - STMicroelectronics CD00161566 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
64/105
DocID13587 Rev 16
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 26 and Figure 27 for standard I/Os, and
in Figure 28 and Figure 29 for 5 V tolerant I/Os.
Figure 26. Standard I/O input characteristics - CMOS port
Figure 27. Standard I/O input characteristics - TTL port
ai17277c
VDD (V)
1.3
0.8
2
3.6
2.7
3
0.7
CMOS
standard
requirement
VIH=0.65V
DD
3.3
VIH/VIL (V)
ILmax
IHmin
Tested
in production
V
DD
-2)+0.8
=0.28(V
IL
CMOS standard
requirement
VIL=0.35VDD
VIH=0.41(VDD
-2)+1.3
Tested in production
Based on
design simulations
Based on
design simulations
Area not
determined
ai17278b
2
3.6
VIH/VIL (V)
1.3
2.0
0.8
2.16
TTL requirements VIH=2V
VIH=0.41(VDD
-2)+1.3
VIL=0.28(VDD
-2)+0.8
TTL requirements
VIL=0.8V
1.96
1.25
VDD (V)
ILmax
IHmin
Based on
design simulations
Based on design
simulations
Area not
determined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com